Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5070AASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5070AASA
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5070AASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5070AASA Datasheet HTML 1Page - Maxim Integrated Products MAX5070AASA Datasheet HTML 2Page - Maxim Integrated Products MAX5070AASA Datasheet HTML 3Page - Maxim Integrated Products MAX5070AASA Datasheet HTML 4Page - Maxim Integrated Products MAX5070AASA Datasheet HTML 5Page - Maxim Integrated Products MAX5070AASA Datasheet HTML 6Page - Maxim Integrated Products MAX5070AASA Datasheet HTML 7Page - Maxim Integrated Products MAX5070AASA Datasheet HTML 8Page - Maxim Integrated Products MAX5070AASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +15V, RT = 10kΩ, CT = 3.3nF, VVREF = OPEN, CVREF = 0.1µF, COMP = OPEN, VFB = 2V, CS = GND, TA = -40°C to +85°C,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC (Low-Impedance Source) to GND ..................-0.3V to +30V
VCC (ICC < 30mA).....................................................Self Limiting
OUT to GND ...............................................-0.3V to (VCC + 0.3V)
OUT Current.............................................................±1A for 10µs
FB, SYNC, COMP, CS, RT/CT, VREF to GND ...........-0.3V to +6V
COMP Sink Current (MAX5070)..........................................10mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
8-Pin SO (derate 5.9mW/°C above +70°C)...............470.6mW
Operating Temperature Range (Automotive) ....-40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
Output Voltage
VVREF
TA = +25°C, IVREF = 1mA
4.950
5.000
5.050
V
Line Regulation
∆VLINE
12V < VCC < 25V, IVREF = 1mA
0.4
4
mV
Load Regulation
∆VLOAD
1mA < IVREF < 20mA
6
25
mV
Total Output Variation
VREFT
1mA < IVREF < 20mA, 12V < VCC < 25V
4.9
5.1
V
Reference Output-Noise Voltage
VNOISE
10Hz < f < 10kHz, TA = +25°C
50
µV
Reference Output Short Circuit
IS_SC
VVREF = 0V
-30
-100
-180
mA
OSCILLATOR
Initial Accuracy
TA = +25°C
51
54
57
kHz
Voltage Stability
12V < VCC < 25V
0.2
0.5
%
Temp Stability
-40°C < TA < +85°C
0.5
%
RT/CT Voltage Ramp (P-P)VRAMP
1.7
V
RT/CT Voltage Ramp Valley
VRAMP_VALLEY
1.1
V
Discharge Current
IDIS
VRT/CT = 2V, TA = +25°C
7.9
8.3
8.7
mA
Frequency Range
fOSC
20
1000
kHz
ERROR AMPLIFIER (MAX5070A/MAX5070B)
FB Input Voltage
VFB
FB shorted to COMP
2.465
2.5
2.535
V
FB Input Bias Current
IB(FB)
-0.01
-0.1
µA
Open-Loop Voltage Gain
AVOL
2V ≤ VCOMP ≤ 4V
100
dB
Unity-Gain Bandwidth
fGBW
1
MHz
Power-Supply Rejection Ratio
PSRR
12V ≤ VCC ≤ 25V (Note 2)
60
80
dB
COMP Sink Current
ISINK
VFB = 2.7V, VCOMP = 1.1V
2
6
mA
COMP Source Current
ISOURCE
VFB = 2.3V, VCOMP = 5V
-0.5
-1.2
-1.8
mA
COMP Output High Voltage
VCOMPH
VFB = 2.3V, RCOMP = 15kΩ to GND
5
5.8
V
COMP Output Low Voltage
VCOMPL
VFB = 2.7V, RCOMP = 15kΩ to VREF
0.1
0.5
V
CURRENT-SENSE AMPLIFIER
Gain
ACS
(Notes 3, 4)
2.85
3
3.26
V/V
MAX5070A/B (Note 3)
0.95
1
1.05
Maximum Current-Sense Signal
VCS_MAX
VCOMP = 5V, MAX5071_
0.95
1
1.05
V


Similar Part No. - MAX5070AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX507-MAX508 MAXIM-MAX507-MAX508 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
MAX5072 MAXIM-MAX5072 Datasheet
248Kb / 9P
   fully assembled and tested circuit board
Rev 0; 3/05
MAX5072 MAXIM-MAX5072 Datasheet
2Mb / 30P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
More results

Similar Description - MAX5070AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com