Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5071 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5071
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5071 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5071 Datasheet HTML 7Page - Maxim Integrated Products MAX5071 Datasheet HTML 8Page - Maxim Integrated Products MAX5071 Datasheet HTML 9Page - Maxim Integrated Products MAX5071 Datasheet HTML 10Page - Maxim Integrated Products MAX5071 Datasheet HTML 11Page - Maxim Integrated Products MAX5071 Datasheet HTML 12Page - Maxim Integrated Products MAX5071 Datasheet HTML 13Page - Maxim Integrated Products MAX5071 Datasheet HTML 14Page - Maxim Integrated Products MAX5071 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Detailed Description
The MAX5070/MAX5071 current-mode PWM controllers
are designed for use as the control and regulation core of
flyback or forward topology switching power supplies.
These devices incorporate an integrated low-side driver,
adjustable oscillator, error amplifier (MAX5070A/
MAX5070B only), current-sense amplifier, 5V reference,
and external synchronization capability (MAX5071A/
MAX5071B only). An internal +26.5V current-limited VCC
clamp prevents overvoltage during startup.
Five different versions of the MAX5070/MAX5071 are
available. The MAX5070A/MAX5070B are the standard
versions with a feedback input (FB) and internal error
amplifier. The MAX5071A/MAX5071B include bidirection-
al synchronization (SYNC). This enables multiple
MAX5071A/MAX5071Bs to be connected and synchro-
nized to the device with the highest frequency. The
MAX5071C includes an ADV_CLK output, which pre-
cedes the MAX5071C’s drive output (OUT) by 110ns.
Figures 1, 2, and 3 show the internal functional diagrams
of the MAX5070A/MAX5070B, MAX5071A/MAX5071B,
and MAX5071C, respectively. The MAX5070A/
MAX5071A are capable of 100% maximum duty cycle.
The MAX5070B/MAX5071B/MAX5071C are designed to
limit the maximum duty cycle to 50%.
High-Performance, Single-Ended, Current-Mode
PWM Controllers
______________________________________________________________________________________
11
UVLO
REFERENCE
2.5V
PREREGULATOR
5V
VOLTAGE-
DIVIDER
THERMAL
SHUTDOWN
EN-REF
BG
SNS
VDD
5V REGULATOR
VOLTAGE-
DIVIDER
8
7
26.5V
VCC
VREF
2.5V
VP
REG_OK
DELAY
S
R
Q
OSC
Q
4 RT/CT
6 OUT
ILIM
CPWM
1V
EN-DRV-BAR
R
2R
VEA
3
5
2
1
CS
GND
FB
COMP
CLK
MAX5070A/MAX5070B
VP
2.5V
16V/10V
100% MAX DUTY CYCLE (MAX5070A)
50% MAX DUTY CYCLE (MAX5070B)
Figure 1. MAX5070A/MAX5070B Functional Diagram


Similar Part No. - MAX5071

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX507-MAX508 MAXIM-MAX507-MAX508 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
MAX5072 MAXIM-MAX5072 Datasheet
248Kb / 9P
   fully assembled and tested circuit board
Rev 0; 3/05
MAX5072 MAXIM-MAX5072 Datasheet
2Mb / 30P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
More results

Similar Description - MAX5071

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com