Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5070 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5070
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5070 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5070 Datasheet HTML 2Page - Maxim Integrated Products MAX5070 Datasheet HTML 3Page - Maxim Integrated Products MAX5070 Datasheet HTML 4Page - Maxim Integrated Products MAX5070 Datasheet HTML 5Page - Maxim Integrated Products MAX5070 Datasheet HTML 6Page - Maxim Integrated Products MAX5070 Datasheet HTML 7Page - Maxim Integrated Products MAX5070 Datasheet HTML 8Page - Maxim Integrated Products MAX5070 Datasheet HTML 9Page - Maxim Integrated Products MAX5070 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +15V, RT = 10kΩ, CT = 3.3nF, VVREF = OPEN, CVREF = 0.1µF, COMP = OPEN, VFB = 2V, CS = GND, TA = -40°C to +125°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Leakage Current
ISYNC
VSYNC = 0V
0.01
0.1
µA
ADV_CLK (MAX5071C only)
ADV_CLK High Voltage
VADV_CLKH
IADV_CLK = 10mA source
2.4
3
V
ADV_CLK Low Voltage
VADV_CLKL
IADV_CLK = 10mA sink
0.4
V
ADV_CLK Output Pulse Width
tPULSE
85
ns
ADV_CLK Rising Edge to OUT
Rising Edge
tADV_CLK
110
ns
ADV_CLK Source and Sink
Current
IADV_CLK
10
mA
Note 1: All devices are 100% tested at +25°C. All limits over temperature are guaranteed by design, not production tested.
Note 2: Guaranteed by design, not production tested.
Note 3: Parameter measured at trip point of latch with VFB = 0V (MAX5070A/MAX5070B only).
Note 4: Gain is defined as A = ∆VCOMP/∆VCS, 0 ≤ VCS ≤ 0.8V.
Note 5: Output Frequency equals oscillator frequency for MAX5070A/MAX5071A. Output frequency is one-half oscillator frequency
for MAX5070B/MAX5071B/MAX5071C.
BOOTSTRAP UVLO vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5
20 35 50
-25
6
7
8
9
10
11
12
13
14
15
16
17
5
-40
125
HYSTERESIS
VCC FALLING
VCC RISING
STARTUP CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5
20 35 50
-25
29
30
31
32
33
34
35
36
37
38
39
40
28
-40
125
2.0
2.5
5.5
3.5
3.0
4.0
4.5
5.0
6.0
-40
-10 5
20
-25
35 50
95
80
110
65
125
OPERATING SUPPLY CURRENT (ICC)
vs. TEMPERATURE AFTER STARTUP
(fOSC = fSW = 250kHz)
TEMPERATURE (°C)
CT = 100pF
Typical Operating Characteristics
(VCC = 15V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX507-MAX508 MAXIM-MAX507-MAX508 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
MAX5072 MAXIM-MAX5072 Datasheet
248Kb / 9P
   fully assembled and tested circuit board
Rev 0; 3/05
MAX5072 MAXIM-MAX5072 Datasheet
2Mb / 30P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
More results

Similar Description - MAX5070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com