Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9206 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9206
Description  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9206 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9206 Datasheet HTML 6Page - Torex Semiconductor XC9206 Datasheet HTML 7Page - Torex Semiconductor XC9206 Datasheet HTML 8Page - Torex Semiconductor XC9206 Datasheet HTML 9Page - Torex Semiconductor XC9206 Datasheet HTML 10Page - Torex Semiconductor XC9206 Datasheet HTML 11Page - Torex Semiconductor XC9206 Datasheet HTML 12Page - Torex Semiconductor XC9206 Datasheet HTML 13Page - Torex Semiconductor XC9206 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
XC9206/XC9207/XC9208 Series
●Application Information (Continued)
8. Care must be taken when laying out the PC Board, in order to prevent misoperation of the current limit mode.
Depending on the state of the PC Board, latch time may become longer and latch operation may not work.
In order to
avoid the effect of noise, the board should be laid out so that capacitors are placed as close to the chip as possible.
9. Use of the IC at voltages below the recommended voltage range may lead to instability.
10. This IC should be used within the stated absolute maximum ratings in order to prevent damage to the device.
11. Depending on the input-output voltage differential, or load current, some pulses may be skipped, and the ripple voltage
may increase. When the series' duty cycle is digitally signalized, the linear duty cycle and the digitally signalized duty
cycle cannot carry out completely the same change, which means that the duty cycle does not change linearly.
The
output is stabilized by applying the phase compensation and adjusting the duty cycle, even when the duty cycle loses the
linear change in the whole circuit.
When the state where the output was stabilized is continued by applying phase
compensation to duty cycle which lost linearity, ripple voltage does not increase more than it. The ripple voltage may
increase to about several 10mV according to operating conditions.
It is possible, by increasing the capacitance values,
to reduce the ripple voltage.
The operating conditions are greatly influenced by the dropout voltage, the load current, the
delay-time, or the external components, such as the coil inductance, and the capacitance values.
Verification with actual
parts should be done.
●The Increase of Ripple Voltage (1.2MHz)
① VIN=4.2V, VOUT=1.8V, IOUT=180mA
② VIN=4.2V, VOUT=1.8V, IOUT=60mA
③ VIN=3.6V, VOUT=1.8V, IOUT=30mA
CH1: Lx
CH2: VOUT
AC-COUPLED
CH1: Lx
CH2: VOUT
AC-COUPLED
CH1: Lx
CH2: VOUT
AC-COUPLED
■ NOTES ON USE (Continued)
L
: 4.7
μH
(CDRH3D16,
SUMIDA)
SD
: CRS02
(TOSHIBA)
CIN
: 4.7
μF
(Ceramic)
CL
: 10
μF
(Ceramic)


Similar Part No. - XC9206

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206153ML TOREX-XC9206153ML Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206153MR TOREX-XC9206153MR Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206156ML TOREX-XC9206156ML Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206156MR TOREX-XC9206156MR Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results

Similar Description - XC9206

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com