Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9210 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9210
Description  Synchronous Step-Down DC / DC Controller ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9210 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9210_1 Datasheet HTML 3Page - Torex Semiconductor XC9210_1 Datasheet HTML 4Page - Torex Semiconductor XC9210_1 Datasheet HTML 5Page - Torex Semiconductor XC9210_1 Datasheet HTML 6Page - Torex Semiconductor XC9210_1 Datasheet HTML 7Page - Torex Semiconductor XC9210_1 Datasheet HTML 8Page - Torex Semiconductor XC9210_1 Datasheet HTML 9Page - Torex Semiconductor XC9210_1 Datasheet HTML 10Page - Torex Semiconductor XC9210_1 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
XC9210
Series
VOUT
(V)
RFB11
(kΩ)
RFB12
(kΩ)
CFB1
(pF)
VOUT
(V)
RFB11
(kΩ)
RFB12
(kΩ)
CFB1
(pF)
1.2
110
330
100
2.5
390
220
33
1.5
220
330
62
2.7
360
180
33
1.8
220
220
62
3.0
560
240
24
2.0
330
270
39
3.3
200
75
62
2.2
390
270
33
5.0
82
18
160
Low Input Voltage (2.0V ≦ VIN ≦ 5.0V, IOUT ≦ 2A)
EXT1: CPH6315 (P-ch MOSFET: SANYO), IRLMS6702 (P-ch MOSFET: IR)
EXT2: CPH3409 (N-ch MOSFET: SANYO), IRLMS1902 (P-ch MOSFET: IR)
High Input Voltage (5.0V ≦ VIN ≦ 10.0V, IOUT ≦ 2A)
EXT1: CPH3308 (P-ch MOSFET: SANYO), IRLMS5703 (P-ch MOSFET: IR)
EXT2: CPH3408 (N-ch MOSFET: SANYO), IRLMS1503 (P-ch MOSFET: IR)
L :
22μH
(CDRH125, SUMIDA)
CIN: 16V, 47μF (Tantalum MCE Series, NICHICEMI)
CL: 16V, 47μF x 2 (Tantalum MCE Series, NICHICEMI)
SD: CMS02
(Schottky Barrier Diode, TOSHIBA)
[External Components]
Transistor :
When RFB11 = 200kΩ and RFB12 = 75kΩ, VOUT1 = 0.9×( 200k + 75k ) / 75k = 3.3V.
PART NUMBER MANUFACTURER
L VALUE
(μH)
SERIAL
RESISTANCE (Ω)
RATED CURRENT
(A)
W x L (mm)
H (mm)
CDR125-220
SUMIDA
22
36m
2.8
12.3×12.3
6.0
PART NUMBER MANUFACTURER
VOLTAGE (V)
CAPACITANCE (μF)
W x L (mm)
H (mm)
16MCE476MD2
NICHICHEMI
16.0
47
4.6×5.8
3.2±0.2
PART NUMBER MANUFACTURER REVERSE
CURRENT
FORWARD
CURRENT
VFmax (V)
IRmax (A)
W x L (mm)
H (mm)
CMS02
TOSHIBA
30
3
0.4 (IF=3A) 0.5m (VR=30V)
2.4×4.7
0.98±0.1
EXTERNAL COMPONENTS
COIL
INPUT / OUTPUT CAPACITANCE
SCHOTTKY BARRIER DIODE
ABSOLUTE MAX. RATINGS
PART
NUMBER
MANUFACTURER
VDSS (V) VGSS (V)
ID (A)
RDS (ON)
MAX.(mΩ)
Ciss (TYP.) (pF) VGS (off) (V)
PKG.
CPH6315
SANYO
- 20
±
10
- 3.0
150 (Vgs= -4.0V) 410 (Vds= -10V) - 1.4 (MAX.)
CPH6
CPH3308
SANYO
- 30
±
20
- 4.0
140 (Vgs= -4.0V) 560 (Vds= -10V) - 2.4 (MAX.)
CPH3
IRLMS6702
IR
- 20
±
12
- 2.3
200 (Vgs= -4.5V) 210 (Vds= -15V) - 0.7 (MAX.)
Micro6
IRLMS5703
IR
- 30
±
20
- 2.3
400 (Vgs= -4.5V) 170 (Vds= -25V) - 1.0 (MAX.)
Micro6
TRANSISTOR (P-ch MOSFET)
ABSOLUTE MAX. RATINGS
PART
NUMBER
MANUFACTURER
VDSS (V) VGSS (V)
ID (A)
RDS (ON)
MAX.(mΩ)
Ciss (TYP.) (pF) VGS (off) (V)
PKG.
CPH3409
SANYO
30
±
10
5.0
42 (Vgs=4.0V)
630 (Vds= 10V) 1.3 (MAX.)
CPH6
CHP3408
SANYO
30
±
20
5.0
68 (Vgs=4.0V)
480 (Vds= 10V) 2.4 (MAX.)
CPH3
IRLMS1902
IR
20
±
12
3.2
100 (Vgs=4.5V)
300 (Vds= 15V) 0.7 (MAX.)
Micro6
IRLMS1503
IR
30
±
20
3.2
200 (Vgs=4.5V)
210 (Vds= 25V) 1.0 (MAX.)
Micro6
TRANSISTOR (N-ch MOSFET)
[Example of Calculation]
[Typical Example]
OPERATIONAL EXPLANATION (Continued)
< Output Voltage Setting >
Output voltage can be set by adding external split resistors. Output voltage is determined by the following equation, based
on the values of RFB11 (RFB21) and RFB12 (RFB22). The sum of RFB11 (RFB21) and RFB12 (RFB22) should normally be 1 MΩ or
less.
VOUT = 0.9×( RFB11 + RFB12 ) / RFB12
The value of CFB1(CFB2), speed-up capacitor for phase compensation, should be fzfb= 1 / (2×π×CFB1×RFB11) which is
equal to 12kHz. Adjustments are required from 1kHz to 50kHz depending on the application, value of inductance (L), and
value of load capacity (CL).


Similar Part No. - XC9210_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210B092KL TOREX-XC9210B092KL Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B092KR TOREX-XC9210B092KR Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B093KL TOREX-XC9210B093KL Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210B093KR TOREX-XC9210B093KR Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
More results

Similar Description - XC9210_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com