Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9201DCCKR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9201DCCKR
Description  PWM Controlled Step-Down DC/DC Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201DCCKR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9201DCCKR Datasheet HTML 7Page - Torex Semiconductor XC9201DCCKR Datasheet HTML 8Page - Torex Semiconductor XC9201DCCKR Datasheet HTML 9Page - Torex Semiconductor XC9201DCCKR Datasheet HTML 10Page - Torex Semiconductor XC9201DCCKR Datasheet HTML 11Page - Torex Semiconductor XC9201DCCKR Datasheet HTML 12Page - Torex Semiconductor XC9201DCCKR Datasheet HTML 13Page - Torex Semiconductor XC9201DCCKR Datasheet HTML 14Page - Torex Semiconductor XC9201DCCKR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
XC9201
Series
Functional Settings
1. Soft-Start
CE and soft-start (SS) functions are commonly assigned to the CE/SS pin. The soft start function is effective until the
voltage at the CE pin reaches approximately 1.55V rising from 0V. Soft start time is approximated by the equation below
according to values of Vcont, RSS, and CSS.
T=-Css x Rss x ln((Vcont-1.55)/Vcont)
Example: When Css=0.1μF, Rss=470kΩ, and Vcont=5V, T= - 0.1 x 10
-6 × 470 x 103 × In((5-1.55) / 5)=17.44ms.
Set the soft-start time to a value sufficiently longer than the period of a clock pulse.
> Circuit example 1: N-ch open drain
> Circuit example 2: CMOS logic (low current dissipation)
> Circuit example 3: CMOS logic (low current dissipation)
OPERATIONAL EXPLANATION (Continued)


Similar Part No. - XC9201DCCKR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201DC0AKL TOREX-XC9201DC0AKL Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201DC0AKR TOREX-XC9201DC0AKR Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201DC3AKL TOREX-XC9201DC3AKL Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201DC3AKR TOREX-XC9201DC3AKR Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC9201DC9AKL TOREX-XC9201DC9AKL Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
More results

Similar Description - XC9201DCCKR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com