Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9119D10A Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9119D10A
Description  1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9119D10A Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9119D10A Datasheet HTML 3Page - Torex Semiconductor XC9119D10A Datasheet HTML 4Page - Torex Semiconductor XC9119D10A Datasheet HTML 5Page - Torex Semiconductor XC9119D10A Datasheet HTML 6Page - Torex Semiconductor XC9119D10A Datasheet HTML 7Page - Torex Semiconductor XC9119D10A Datasheet HTML 8Page - Torex Semiconductor XC9119D10A Datasheet HTML 9Page - Torex Semiconductor XC9119D10A Datasheet HTML 10Page - Torex Semiconductor XC9119D10A Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
XC9119D10A
Series
VOUT
(V)
RFB1
(k
Ω)
RFB2
(k
Ω)
CFB
(pF)
3.3
300
130
1000
5.0
300
75
1000
7.0
180
30
1800
10.0
270
30
1200
15.0
510
36
510
18.0
510
30
510
OPERATIONAL EXPLANATION (Continued)
<Lx (Pin No. 1): Switch Pin>
Please connect the anode of an Schottky barrier diode and inductor to the Lx pin.
<FB (Pin No. 3): Voltage Feedback Pin>
The reference voltage is 1.0V (TYP.).
Output voltage is approximated by the following equation according to the value
for two resistors (RFB1 and RFB2). The sum of the two resistors should be 1M
Ω or less.
VOUT = RFB1 / RFB2 + 1
Output voltage should be set as to fill VOUT<(Maximum value of VLx) – (VF of Schottky diode).
Please adjust the CFB value of the speed–up capacitor for phase compensation so that fzfb=1/(2πx CFB x RFB1) will be
about 500Hz. According to the usage, adjusting the inductance value, the load capacity value, and so on to the most
suitable operation.
Typical example:
<VDD (Pin No. 5): Power Supply Pin>
Please connect an input by-pass capacitor (CIN).
Application Information
NOTES ON USE
1. Please do not exceed the value of stated absolute maximum ratings.
2. The DC/DC converter performance is greatly influenced by not only the ICs’ characteristics, but also by those of the
external components. Care must be taken when selecting the external components.
3. Make sure that the PCB GND traces are as thick as possible, as variations in ground potential caused by high ground
currents at the time of switching may result in instability of the IC.
4. Please mount each external component as close to the IC as possible and use thick, short connecting traces to reduce
the circuit impedance.
5. Please set up the output voltage value so that the Lx pin voltage does not exceed 20V.
VDD
Lx
CE/SS
FB
VSS
L
VIN
CL
10uF
SD
RFB2
CIN
4.7uF
RFB1
CFB
RSS
CSS
VDD
2.5V~6V
CDD
<Obtaining VDD from other source than VIN>
In case that the input voltage VIN and power source VDD in the step-up circuit are isolated, the circuit starts step-up
operations with the input voltage less than 2.5V when voltage from 2.5V to 6.0V is applied to the power source. Please
connect more than 1uF of CDD between the VDD pin and the VSS pin as close as possible.
Ex.) When VDD=3.6V, VIN=1.8V, VOUT=5.0V (RFB1=300k
Ω, RFB2=75kΩ, CFB=1000pF, CL=10uF), the IC can operate up to
IOUT=40mA.


Similar Part No. - XC9119D10A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AEL TOREX-XC9119D10AEL Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AER TOREX-XC9119D10AER Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AML TOREX-XC9119D10AML Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
More results

Similar Description - XC9119D10A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9103 TOREX-XC9103_1 Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
0307_XC6373 TOREX-0307_XC6373 Datasheet
185Kb / 8P
   LOW FREQUENCY PWM CONTROLLED STEP UP DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7642 AITSEMI-A7642 Datasheet
523Kb / 9P
   DC-DC CONVERTER/BOOST (STEP-UP) 20V, 1MHz, 2A PWM REGULATOR
REV2.0 - JUN 2014
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com