Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6415FC01MR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6415FC01MR
Description  Dual LDO Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6415FC01MR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6415FC01MR Datasheet HTML 1Page - Torex Semiconductor XC6415FC01MR Datasheet HTML 2Page - Torex Semiconductor XC6415FC01MR Datasheet HTML 3Page - Torex Semiconductor XC6415FC01MR Datasheet HTML 4Page - Torex Semiconductor XC6415FC01MR Datasheet HTML 5Page - Torex Semiconductor XC6415FC01MR Datasheet HTML 6Page - Torex Semiconductor XC6415FC01MR Datasheet HTML 7Page - Torex Semiconductor XC6415FC01MR Datasheet HTML 8Page - Torex Semiconductor XC6415FC01MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
XC6415
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUITS
VOUT(T)≧2.0V,
VEN=VIN, IOUT=10mA
×0.99
(*3)
×1.01
(*3)
VOUT≦1.95V,
VEN=VIN, IOUT=10mA
-0.02
(*3)
+0.02
(*3)
VOUT(T)≧1.5V
VEN=VIN、IOUT=10mA
×0.98
(*3)
×1.02
(*3)
Output Voltage
VOUT(E)
(*2)
VOUT≦1.45V
VEN=VIN、IOUT=10mA
-0.03
(*3)
VOUT(T)
(*4)
+0.03
(*3)
V
Output Current
IOUTMAX
200
-
-
mA
Load Regulation
ΔVOUT
VEN=VIN, 0.1mA≦IOUT≦100mA
E-1
mV
Dropout Voltage
(*5)
Vdif
IOUT=100mA, VEN=VIN
E-2
mV
Supply Current
ISS
VIN=VEN=VOUT(T)+1.0V, IOUT=0mA
-
28
60
μ
A
Stand-by Current
ISTBY
VIN=6.0V, VEN=VSS
-
0.01
0.10
μ
A
VOUT(T)+0.5V≦VIN≦6.0V
VOUT(T)≧1.0V,
VEN=VIN, IOUT=10mA
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
1.5V≦VIN≦6.0V
VOUT(T)≦0.95V
VEN=VIN, IOUT=10mA
-
0.01
0.20
%/V
Input Voltage
VIN
1.5
-
6.0
V
Output Voltage
Temperature Characteristics
ΔVOUT/
(ΔTa・VOUT)
VEN=VIN, IOUT=30mA
-40℃≦Ta≦85℃
-
±100
-
ppm/℃
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
: VOUT(T)≦4.75V,
VEN=VIN, IOUT=30mA, f=1kHz
Ripple Rejection Rate
PSRR
VIN=5.75VDC+0.5Vp-pAC
: VOUT(T)≧4.8V,
VEN=VIN, IOUT=30mA, f=1kHz
-
65
-
dB
Limit Current
ILIM
VEN=VIN
210
300
-
mA
Short Current
ISHORT
VEN=VIN, Short VOUT to VSS level
-
20
-
mA
EN ”H” Level Voltage
VENH
1.2
-
6.0
V
EN ”L” Level Voltage
VENL
-
-
0.3
V
VEN=VIN(A~D Series)
-0.1
-
0.1
EN ”H” Level Current
IENH
VEN=VIN=6V(E~H Series)
-
3.0
-
μ
A
EN ”L” Level Current
IENL
VEN=VSS
-0.1
-
0.1
μ
A
CL Discharge Resistor
(*8)
RDCHG
VIN=6.0V, VOUT=4.0V, VCE=VSS
-
550
-
Ω
Ta=25℃
ELECTRICAL CHARACTERISTICS
XC6415 Series
Regulator 1, Regulator 2
NOTE:
*1) Unless otherwise stated, VIN=VOUT(T) +1.0V.
*2) VOUT(E)= Effective output voltage (see the voltage chart)
(ie. The output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value.
*3) Characteristics of the actual VOUT(E) by setting output voltage is shown in the voltage chart.
*4) VOUT(T): Nominal output voltage
*5) Vdif={VIN1
(*7) - VOUT1(*6)}
*6) VOUT1: A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+1.0V} is input.
*7) VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased.
*8) For XC6415B, D, F, H series only.
XC6415A, C, E, G series discharge with only Rx1 and Rx2 resistors as shown in the BLOCK DIAGRAMS.
*9) Each channel is measured when the other channel is turned off (VEN=VSS).


Similar Part No. - XC6415FC01MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results

Similar Description - XC6415FC01MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com