Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR120NPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFR120NPBF
Description  Fast Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR120NPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFR120NPBF Datasheet HTML 3Page - International Rectifier IRFR120NPBF Datasheet HTML 4Page - International Rectifier IRFR120NPBF Datasheet HTML 5Page - International Rectifier IRFR120NPBF Datasheet HTML 6Page - International Rectifier IRFR120NPBF Datasheet HTML 7Page - International Rectifier IRFR120NPBF Datasheet HTML 8Page - International Rectifier IRFR120NPBF Datasheet HTML 9Page - International Rectifier IRFR120NPBF Datasheet HTML 10Page - International Rectifier IRFR120NPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFR/U120NPbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASS E MBLY
EXAMPLE:
WIT H ASS EMB LY
T HIS IS AN IRF U120
YEAR 9 = 1999
DAT E CODE
LINE A
WE EK 19
IN T HE AS SE MBLY LINE "A"
AS SE MBLE D ON WW 19, 1999
LOT CODE 5678
PART NUMBE R
56
IRF U120
INT E RNAT IONAL
LOGO
RECT IF IER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
OR
56
78
ASS EMB LY
LOT CODE
RECT IFIER
LOGO
INT ERNAT IONAL
IRF U120
PART NUMBER
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = AS S EMBLY SIT E CODE
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)


Similar Part No. - IRFR120NPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR120NPBF KERSEMI-IRFR120NPBF Datasheet
3Mb / 10P
   Surface Mount (IRFR120N) Straight Lead (IRFU120N)
logo
International Rectifier
IRFR120NPBF IRF-IRFR120NPBF Datasheet
396Kb / 11P
   Surface Mount (IRFR120N)
IRFR120NPBF IRF-IRFR120NPBF Datasheet
396Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRFR120NPBF IRF-IRFR120NPBF_15 Datasheet
396Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFR120NPBF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
   Fast Switching
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
   Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
   Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
   Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
   Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
   Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
   Fast Switching
40N10 ISC-40N10 Datasheet
68Kb / 2P
   Fast Switching
2N60 ISC-2N60 Datasheet
157Kb / 2P
   Fast Switching
3N45 ISC-3N45 Datasheet
49Kb / 2P
   Fast Switching
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com