Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9103D091MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9103D091MR
Description  Ceramic Capacitor Compatible, Step-up DC/DC Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9103D091MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9103D091MR Datasheet HTML 1Page - Torex Semiconductor XC9103D091MR Datasheet HTML 2Page - Torex Semiconductor XC9103D091MR Datasheet HTML 3Page - Torex Semiconductor XC9103D091MR Datasheet HTML 4Page - Torex Semiconductor XC9103D091MR Datasheet HTML 5Page - Torex Semiconductor XC9103D091MR Datasheet HTML 6Page - Torex Semiconductor XC9103D091MR Datasheet HTML 7Page - Torex Semiconductor XC9103D091MR Datasheet HTML 8Page - Torex Semiconductor XC9103D091MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
XC9103/XC9104/XC9105 Series
Ceramic Capacitor Compatible, Step-up DC/DC Controllers
■GENERAL DESCRIPTION
The XC9103/XC9104/XC9105 series are PWM, PWM/PFM auto switching /manual switching controlled universal step-up
DC/DC converter controllers.
Output will be stable no matter which load capacitors are used but should a low ESR capacitor be used, RSENSE of about 0.1Ω
will be required and phase compensation will be achieved. This allows the use of ceramic capacitors and enables to obtain lower
output ripple and small PCB design. Tantalum and electrolytic capacitors can also be used, in which case, RSENSE becomes
unnecessary.
With 0.9V internal voltage reference and by using externally connected two resistors, output voltage can be set freely within a
range of 1.5V to 30V. The series is available in 300 kHz and 180 kHz frequencies, the size of the external components can be
reduced. 100 kHz and 500 kHz are also available in custom options.
The XC9103 offers PWM operation. The XC9104 offers PWM/PFM automatic switching operation. The PWM operation is shifted to
the PFM operation automatically at light load so that it maintains high efficiency over a wide range of load currents. The XC9105
offers both PWM and PWM/PFM auto switching operations and it can be selected by external signal.
A current limiter circuit is built-in to the IC (except with the 500 kHz version) and monitors the ripple voltage on the FB pin.
Operation is shut down when the ripple voltage is more than 250mV. The operations of the IC can be returned to normal with
a toggle of the CE pin or by turning the power supply back on.
■APPLICATIONS
●PDAs
●Cellular phones
●Palmtop computers
●Portable audio systems
●Various multi-function power supplies
■TYPICAL APPLICATION CIRCUIT
■ TYPICAL PERFORMANCE
CHARACTERISTICS
☆GreenOperation Compatible
■FEATURES
Input Voltage Range
: 0.9V ~ 10V
Supply Voltage Range
: 1.8V ~ 10V
Output Voltage Range
: 1.5V ~ 30V
Set freely with the reference voltage
0.9V(±2.0%) and two resistors
Oscillation Frequency
: 100, 180, 300, 500kHz (±15%)
180, 300kHz only for XC9103/04/05B
type (with current limiter)
Output Current
: more than 400mA
(VIN=1.8V, VOUT=3.3V)
Controls
: PWM (XC9103)
PWM/PFM auto-switching (XC9104)
PWM/PFM manual switching
(XC9105)
High Efficiency
: 85% (TYP.)
Stand-by Current
: ISTB=1.0μA (MAX.)
Load Capacitors
: Low ESR capacitors compatible
Current
Limiter Function
: Operates when
ripple voltage=250mV
Also available without current limiter
(100kHz and 500kHz types are
available only without current limiter)
Package
: SOT-25, USP-6B
ETR0404_003


Similar Part No. - XC9103D091MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9103 TOREX-XC9103 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
More results

Similar Description - XC9103D091MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_1 Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
378Kb / 16P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com