Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3586 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EC3586
Description  EC3586 3D Serial Mouse Controller With Auto-Ref
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3586 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EC3586 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3586 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3586 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3586 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3586 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3586 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3586 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3586 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E-CMOS
EC3586
飛虹積體電路股份有限公司
Page 3
of
8
TEL:(03)5783622
FAX:(03)5783630
3.2 Transmit sequence of each byte:
Intelli 3D
Start bit
Data bit 0
|
Data bit 6
1 st bit
Last bit
Stop bit
3.3 BR/BM/BL Data format:
Intelli 3D
1=Depressed
0=Released
4. ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN
MAX
UNIT
Supply Voltage
0
6.5
V
Ambient Temperature
0
70
Storage Temperature
-40
125
Power Dissipation
(Tamb = 70 ℃)
100
mW
Note: This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended for
extended periods of time may affect reliability.


Similar Part No. - EC3586

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3581 ETC2-EC3581 Datasheet
339Kb / 14P
   2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
EC3581-D ETC2-EC3581-D Datasheet
339Kb / 14P
   2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
More results

Similar Description - EC3586

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3581-D ETC2-EC3581-D Datasheet
339Kb / 14P
   2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
EC3592R ETC1-EC3592R Datasheet
137Kb / 11P
   PS/2 Mouse Controller with Auto-Ref
logo
Holtek Semiconductor In...
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
   3D Mouse Controller
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
   27MHz 3D PS2 Mouse Controller
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
   3D PS/2 Mouse Controller
HT82M398A HOLTEK-HT82M398A Datasheet
93Kb / 8P
   WIN2000 3D PS/2 Mouse Controller
logo
List of Unclassifed Man...
TP8472 ETC-TP8472 Datasheet
392Kb / 23P
   PS/2 3D 3Key Mouse Controller
TP8482 ETC-TP8482 Datasheet
425Kb / 26P
   PS/2 3D 5KEY MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
   3-Key 3D PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com