Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6412B001EL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6412B001EL
Description  0.8uA Low Power Consumption Dual Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6412B001EL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6412B001EL Datasheet HTML 4Page - Torex Semiconductor XC6412B001EL Datasheet HTML 5Page - Torex Semiconductor XC6412B001EL Datasheet HTML 6Page - Torex Semiconductor XC6412B001EL Datasheet HTML 7Page - Torex Semiconductor XC6412B001EL Datasheet HTML 8Page - Torex Semiconductor XC6412B001EL Datasheet HTML 9Page - Torex Semiconductor XC6412B001EL Datasheet HTML 10Page - Torex Semiconductor XC6412B001EL Datasheet HTML 11Page - Torex Semiconductor XC6412B001EL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8/28
XC6411/XC6412 Series
TEST CIRCUITS
Circuit ①
XC6412B Series (SOT-26)
XC6411P Series
Circuit ①
Circuit ②
Circuit ②
XC6412C Series (USP-6C) *Preliminary
XC6412B
V
VIN
V
EN2
CIN=1.0uF
(ceramic)
VSS
CL1=0.1uF
(ceramic)
VOUT1
VOUT2
V
A
IOUT 1
Ishort1
RL1
CL2=0.1uF
(ceramic)
V
A
IOUT 2
Ishort2
RL2
XC6412B
VIN
EN2
CIN=1.0uF
(ceramic)
VSS
VOUT1
VOUT2
OPEN
OPEN
A
A
XC6412C
VIN2
EN2
VSS
VOUT1
VOUT2
OPEN
OPEN
A
A
V
CIN1=1.0uF
(ceramic)
VIN1
V
A
CIN2=1.0uF
(ceramic)
XC6412C
V
VIN1
V
EN2
CIN1=1.0uF
(ceramic)
VSS
CL1=0.1uF
(ceramic)
VOUT1
VOUT2
V
A
IOUT 1
Ishort1
RL1
CL2=0.1uF
(ceramic)
V
A
IOUT 2
Ishort2
RL2
V
CIN2=1.0uF
(ceramic)
VIN2
XC6411P
VIN1
VIN2
CIN2=1.0uF
(ceramic)
CIN1=1.0uF
(ceramic)
VSS
VOUT1
VOUT2
OPEN
OPEN
A
A
XC6411P
V
VIN1
V
VIN2
CIN2=1.0uF
(ceramic)
CIN1=1.0uF
(ceramic)
VSS
CL1=0.1uF
(ceramic)
VOUT1
VOUT2
V
A
IOUT 1
Ishort1
RL1
CL2=0.1uF
(ceramic)
V
A
IOUT 2
Ishort2
RL2


Similar Part No. - XC6412B001EL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6413 TOREX-XC6413 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6414 TOREX-XC6414 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
More results

Similar Description - XC6412B001EL

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5012C ACE-ACE5012C Datasheet
259Kb / 3P
   0.8uA Low Power Consumption Regulator with Enable
VER 1.1
logo
Torex Semiconductor
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
Shenzhen Huazhimei Semi...
HM1135 HMSEMI-HM1135 Datasheet
780Kb / 5P
   Low power consumption, low drop voltage, medium voltage regulator
HM1132 HMSEMI-HM1132 Datasheet
804Kb / 7P
   Low power consumption, low drop voltage, medium voltage regulator
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
logo
New Japan Radio
NJW4180 NJRC-NJW4180 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
logo
AiT Semiconductor Inc.
A6120 AITSEMI-A6120 Datasheet
548Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
logo
List of Unclassifed Man...
HP03S ETC2-HP03S Datasheet
200Kb / 7P
   Low voltage, low power consumption
logo
Mitsumi Electronics, Co...
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
   Microminiature Low-Power Consumption Low-Saturation Regulator
logo
AiT Semiconductor Inc.
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com