Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5237IPAG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237IPAG
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237IPAG Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5237IPAG Datasheet HTML 4Page - Texas Instruments ADS5237IPAG Datasheet HTML 5Page - Texas Instruments ADS5237IPAG Datasheet HTML 6Page - Texas Instruments ADS5237IPAG Datasheet HTML 7Page - Texas Instruments ADS5237IPAG Datasheet HTML 8Page - Texas Instruments ADS5237IPAG Datasheet HTML 9Page - Texas Instruments ADS5237IPAG Datasheet HTML 10Page - Texas Instruments ADS5237IPAG Datasheet HTML 11Page - Texas Instruments ADS5237IPAG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
TIMING CHARACTERISTICS (continued)
Typical values at TA = +25°C, AVDD = VDRV = 3.3V, sampling rate and PLL state are as indicated, input clock at 50% duty
cycle, and total capacitive loading = 10pF, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNITS
50MSPS With PLL ON
tA Aperture delay
2.1
ns
Aperture jitter
1.0
ps
t1 Data setup time
3.2
4.5
ns
t2 Data hold time
10
11
ns
tD Data latency
6
Clocks
tDR, tDF Data rise/fall time
0.5
2
3
ns
Data valid (DV) duty cycle
30
40
55
%
tDV Input clock rising to DV fall edge
11.5
13.5
15.5
ns
40MSPS With PLL ON
tA Aperture delay
2.1
ns
Aperture jitter
1.0
ps
t1 Data setup time
3.7
5.5
ns
t2 Data hold time
11.5
13.5
ns
tD Data latency
6
Clocks
tDR, tDF Data rise/fall time
0.5
2
3
ns
Data valid (DV) duty cycle
30
40
55
%
tDV Input clock rising to DV fall edge
13.5
16
18.5
ns
30MSPS With PLL OFF
tA Aperture delay
2.1
ns
Aperture jitter
1.0
ps
t1 Data setup time
8
10
ns
t2 Data hold time
14
19
ns
tD Data latency
6
Clocks
tDR, tDF Data rise/fall time
0.5
2
3.5
ns
Data valid (DV) duty cycle
30
45
55
%
tDV Input clock rising to DV fall edge
16
19
21
ns
20MSPS With PLL ON
tA Aperture delay
2.1
ns
Aperture jitter
1.0
ps
t1 Data setup time
10
12
ns
t2 Data hold time
20
25
ns
tD Data latency
6
Clocks
tDR, tDF Data rise/fall time
0.5
2
3.5
ns
Data valid (DV) duty cycle
30
45
55
%
tDV Input clock rising to DV fall edge
20
25
30
ns
20MSPS With PLL OFF
tA Aperture delay
2.1
ns
Aperture jitter
1.0
ps
t1 Data setup time
10
12
ns
t2 Data hold time
20
25
ns
tD Data latency
6
Clocks
tDR, tDF Data rise/fall time
0.5
2
3.5
ns
Data valid (DV) duty cycle
30
45
55
%
tDV Input clock rising to DV fall edge
20
25
30
ns
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237


Similar Part No. - ADS5237IPAG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
ADS5231IPAG BURR-BROWN-ADS5231IPAG Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
ADS5231IPAGT BURR-BROWN-ADS5231IPAGT Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
More results

Similar Description - ADS5237IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com