Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWA6SG Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LWA6SG
Description  Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWA6SG Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LWA6SG Datasheet HTML 2Page - OSRAM GmbH LWA6SG Datasheet HTML 3Page - OSRAM GmbH LWA6SG Datasheet HTML 4Page - OSRAM GmbH LWA6SG Datasheet HTML 5Page - OSRAM GmbH LWA6SG Datasheet HTML 6Page - OSRAM GmbH LWA6SG Datasheet HTML 7Page - OSRAM GmbH LWA6SG Datasheet HTML 8Page - OSRAM GmbH LWA6SG Datasheet HTML 9Page - OSRAM GmbH LWA6SG Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2007-10-19
6
LW A6SG
Helligkeits-Gruppierungsschema
Brightness Groups
Helligkeitsgruppe
Brightness Group
Lichtstärke
1) Seite 17
Luminous Intensity
1) page 17
I
V (mcd)
Lichtstrom
2) Seite 17
Luminous Flux
2) page 17
Φ
V (mlm)
V1
V2
AA
710 ... 900
900 ... 1120
1120 ... 1400
2400 (typ.)
3000 (typ.)
3700 (typ.)
Anm.: Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe, die aus nur
3 Helligkeitsgruppen besteht.
Einzelne Helligkeitsgruppen können nicht bestellt werden.
Note: The standard shipping format for serial types includes a familiy group of 3 individual brightness
groups.
Individual brightness groups cannot be ordered.
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: V2-6L
Example: V2-6L
Helligkeitsgruppe
Brightness Group
Farbortgruppe
Chromaticity Coordinate Group
V2
6L
Anm.: In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
Note: No packing unit / tape ever contains more than one group for each selection.


Similar Part No. - LWA6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWA6SG-V2BA-JKPL OSRAM-LWA6SG-V2BA-JKPL Datasheet
583Kb / 23P
   Automotive Interior Lighting
LWA6SG OSRAM-LWA6SG_15 Datasheet
583Kb / 23P
   Automotive Interior Lighting
More results

Similar Description - LWA6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBA6SG OSRAM-LBA6SG Datasheet
555Kb / 16P
   Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LWY8SG OSRAM-LWY8SG Datasheet
599Kb / 17P
   Micro SIDELED짰 long life Enhanced optical Power LED
LWY2SG OSRAM-LWY2SG Datasheet
581Kb / 17P
   Micro SIDELED짰 0.8mm long life
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LWY1SG OSRAM-LWY1SG Datasheet
605Kb / 17P
   Micro SIDELED짰 0.8mm long life
LBL29G OSRAM-LBL29G Datasheet
234Kb / 15P
   SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com