Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6405 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6405
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6405_1 Datasheet HTML 5Page - Torex Semiconductor XC6405_1 Datasheet HTML 6Page - Torex Semiconductor XC6405_1 Datasheet HTML 7Page - Torex Semiconductor XC6405_1 Datasheet HTML 8Page - Torex Semiconductor XC6405_1 Datasheet HTML 9Page - Torex Semiconductor XC6405_1 Datasheet HTML 10Page - Torex Semiconductor XC6405_1 Datasheet HTML 11Page - Torex Semiconductor XC6405_1 Datasheet HTML 12Page - Torex Semiconductor XC6405_1 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
9/55
XC6405
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Output Voltage (*2, 3)
VROUT(E)
IROUT=30mA
×
0.98 VROUT(T) ×1.02
V
Maximum Output Current
(0.9 ~ 2.4V product)
IROUTMAX
VIN=VROUT(T)+2.0V
400
-
-
mA
Maximum Output Current
(2.5 ~ 4.9V product)
IROUTMAX
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
500
-
-
mA
Load Regulation
VROUT
1mA≦IROUT≦100mA
-
15
50
mV
Vdif1
IROUT=30mA
E-1
mV
Dropout Voltage (*4)
Vdif2
IROUT=100mA
E-2
mV
Supply Current
(CA / CD series)
IDD
VIN=VEN=VROUT(T)+1.0V,
When VROUT≦0.9V, VIN=2.0V
-
90
145
μ
A
Supply Current
(CE / CH series)
IDD
VIN=VEN=VROUT(T)+1.0V,
When VROUT≦0.9V, VIN=2.0V
-
100
165
μ
A
Line Regulation
VROUT
VIN ・ VROUT
VROUT(T)+1.0V≦VIN≦6.0V
When VROUT≦0.9V,
2.0V≦VIN≦6.0V, IROUT=30mA
When VROUT≦1.75V,
IROUT=10mA
-
0.01
0.20
% / V
Input Voltage
VIN
2.0
-
6.0
V
-
Output Voltage
Temperature Characteristics
VROUT
Topr・VROUT
IROUT=30mA
-40℃≦Topr≦85℃
-
±
100
-
ppm
/℃
Ripple Rejection Rate
PSRR
VIN=[VROUT(T)+1.0]V+0.5Vp-pAC
When VROUT(T)≦1.25V
VIN=2.25V+0.5Vp-pAC
When VROUT(T)≧4.75V
VIN=5.75V+0.5Vp-pAC
IROUT=50mA, f=10kHz
-
65
-
dB
Current Limiter
(2.4V or less)
IRlim
VIN=VROUT(T)+2.0V
-
600
-
mA
Current Limiter
(2.5V or more)
IRlim
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
500
600
-
mA
Short-Circuit Current
IRshort
VIN=VROUT(T)+2.0V
When VROUT(T)≧4.0V, VIN=6.0V
-
50
-
mA
Detect Voltage (*7, 8)
VDF(E)
×
0.98 VDF(T) ×1.02
V
Hysteresis Range (*8)
VHYS
VDF(T)
×
0.02
VDF(T)
×
0.05
VDF(T)
×
0.08
V
VIN = 2.0V
-
6.5
19.0
VIN = 3.0V
-
7.0
20.0
VIN = 4.0V
-
7.5
24.0
VIN = 5.0V
-
8.0
26.0
Supply Current (*9)
IDDVD
VIN = 6.0V
-
9.0
29.0
μ
A
VIN = 2.0V
3.0
6.0
-
VIN = 3.0V
4.0
8.0
-
VIN = 4.0V
5.0
10.0
-
VIN = 5.0V
7.0
12.0
-
Output Current (*10)
IDOUT
VDOUT =
0.5V
VIN = 6.0V
10.0
15.0
-
mA
Detect Voltage
Temperature Characteristics
VDF
Topr ・ VDF
-40℃≦Topr≦85℃
-
±
100
-
ppm
/℃
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
XC6405 CA / CD / CE / CH Series


Similar Part No. - XC6405_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405A TOREX-XC6405A Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405B TOREX-XC6405B Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405C TOREX-XC6405C Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CE81MR TOREX-XC6405CE81MR Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CH80MR TOREX-XC6405CH80MR Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com