Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6402 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6402 Datasheet HTML 1Page - Torex Semiconductor XC6402 Datasheet HTML 2Page - Torex Semiconductor XC6402 Datasheet HTML 3Page - Torex Semiconductor XC6402 Datasheet HTML 4Page - Torex Semiconductor XC6402 Datasheet HTML 5Page - Torex Semiconductor XC6402 Datasheet HTML 6Page - Torex Semiconductor XC6402 Datasheet HTML 7Page - Torex Semiconductor XC6402 Datasheet HTML 8Page - Torex Semiconductor XC6402 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1/31
XC6402 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 Series (VR:3.0V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
100
200
300
400
500
600
700
VR Output Current IROUT(mA)
CIN=1.0uF(ceramic),CL=1.0uF(ceramic)
Topr= - 40OC
Topr= 25OC
Topr= 85OC
GENERAL DESCRIPTION
The XC6402 series are precise, low noise, high current, positive voltage low dropout regulators with built-in voltage detector.
They are fabricated using Torex’s CMOS process. The series features a voltage reference, an error amplifier, a current
limiter, a voltage detector and a phase compensation circuit plus a driver transistor.
The output voltage of the LDO and detect voltage of the detector is selectable in 50mV increments within the range of 0.8V to
5.0V. With a low ON resistance driver transistor built-in, batteries can be used until input-output voltage differential is minimal
and can accordingly be used for a longer time.
The series is also compatible with low ESR ceramic capacitors which give added output stability. The series provides options
to the user to select from a variety of circuit features, such as detector monitoring, detector output logic, EN pin input logic,
and internal pull-up / down resistance (semi-custom). The IC's internal regulator circuit can be placed in stand-by mode via
the EN function (XC6402C series). In the stand-by mode, power consumption is greatly reduced. The XC6402F series
offers the option of a delay on the detector output: the delay time can be controlled by the use of an external capacitor.
APPLICATIONS
CD-ROM, CD-R / RW drive
DVD drive
HDD drive
Cameras, Video recorders
Portable AV equipment
Battery powered equipment
TYPICAL APPLICATIONS CIRCUITS ■TYPICAL PERFORMANCE
CHARACTERISTICS
XC6402C Series
XC6402F Series
Dropout Voltage vs. VR Output Current
Rpull-up
220kΩ
Rpull-up
220kΩ
FEATURES
Maximum Output Current
: More than 700mA
(800mA limit)
(1.6V≦VROUT(T)≦5.0V)
Dropout Voltage
: 50mV @ 100mA
100mV @ 200mA
Maximum Operating Voltage : 1.5V ~ 6.0V
VR Output Voltage Range
: 0.8V ~ 5.0V (50mV increments)
VD Detect Voltage Range
: 0.8V ~ 5.0V (50mV increments)
More than 1.5V (VIN sensing)
Highly Accurate
: ± 2%
Low Power Consumption
: 35μA (TYP.)
High Ripple Rejection
: 60dB @1kHz
Ambient Temperature
: - 40℃ ~ 85℃
Low ESR Capacitor
: Ceramic capacitor compatible
Ultra Small Packages
: SOT-25, SOT-89-5, USP-6B,
* VD: Voltage Detector
ETR1001_001


Similar Part No. - XC6402

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6402

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com