Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X84640G Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # X84640G
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84640G Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  X84640G Datasheet HTML 1Page - IC MICROSYSTEMS X84640G Datasheet HTML 2Page - IC MICROSYSTEMS X84640G Datasheet HTML 3Page - IC MICROSYSTEMS X84640G Datasheet HTML 4Page - IC MICROSYSTEMS X84640G Datasheet HTML 5Page - IC MICROSYSTEMS X84640G Datasheet HTML 6Page - IC MICROSYSTEMS X84640G Datasheet HTML 7Page - IC MICROSYSTEMS X84640G Datasheet HTML 8Page - IC MICROSYSTEMS X84640G Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
X84160/640/128
4
Write Sequence
A nonvolatile write sequence consists of sending a reset
sequence, a 16-bit address, up to 32 bytes of data, and
then a special “start nonvolatile write cycle” command
sequence.
The reset sequence is issued first (as described in the
Reset Sequence section) to set an internal write enable
latch. The address is written serially by issuing 16
separate write cycles (WE and CE LOW, OE HIGH) to
the part without any read cycles between the writes. The
address is sent serially, most significant bit first, on the
l/O pin. Up to 32 bytes of data are written by issuing a
multiple of 8 write cycles. Again, no read cycles are
allowed between writes.
The nonvolatile write cycle is initiated by issuing a special
read/write “1”/read sequence. The first read cycle ends
the page load, then the write “1” followed by a read starts
the nonvolatile write cycle. The device recognizes 32-
byte pages (e.g., beginning at addresses XXXXXX00000
for X84160).
When sending data to the part, attempts to exceed the
upper address of the page will result in the address
counter “wrapping-around” to the first address on the
page, where data loading can continue. For this reason,
sending more than 256 consecutive data bits will result in
overwriting previous data.
A nonvolatile write cycle will not start if a partial or incom-
plete write sequence is issued. The internal write enable
latch is reset when the nonvolatile write cycle is com-
pleted and after an invalid write to prevent inadvertent
writes. Note that this sequence is fully static, with no spe-
cial timing restrictions. The processor is free to perform
other tasks on the bus whenever the chip enable pin (CE)
is HIGH.
Nonvolatile Write Status
The status of a nonvolatile write cycle can be determined
at any time by simply reading the state of the l/O pin on
the device. This pin is read when OE and CE are LOW
and WE is HIGH. During a nonvolatile write cycle the l/O
pin is LOW. When the nonvolatile write cycle is complete,
the l/O pin goes HIGH. A reset sequence can also be
issued during a nonvolatile write cycle with the same
result: I/O is LOW as long as a nonvolatile write cycle is
in progress, and l/O is HIGH when the nonvolatile write
cycle is done.
Figure 2: Write Sequence
CE
OE
WE
I/O (IN)
"0"
"0"
"1"
RESET
LOAD ADDRESS
LOAD DATA
START
NONVOLATILE
WRITE
A8
A7
A6 A5 A4 A3 A2
A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
I/O (OUT)
7008 FRM F05.1
WHEN ACCESSING:
X84160 ARRAY: A15–A11=0
X84640 ARRAY: A15–A13=0
X84128 ARRAY: A15–A14=0
A15 A14 A13 A12 A11 A10 A9


Similar Part No. - X84640G

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84641 XICOR-X84641 Datasheet
170Kb / 18P
   uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84641 ICMIC-X84641 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641-1.8 ICMIC-X84641-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641-2.5 ICMIC-X84641-2.5 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641G ICMIC-X84641G Datasheet
147Kb / 18P
   關Port Saver EEPROM
More results

Similar Description - X84640G

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com