Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSL296-N2Q1-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LSL296-N2Q1-1
Description  SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSL296-N2Q1-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LSL296-N2Q1-1 Datasheet HTML 6Page - OSRAM GmbH LSL296-N2Q1-1 Datasheet HTML 7Page - OSRAM GmbH LSL296-N2Q1-1 Datasheet HTML 8Page - OSRAM GmbH LSL296-N2Q1-1 Datasheet HTML 9Page - OSRAM GmbH LSL296-N2Q1-1 Datasheet HTML 10Page - OSRAM GmbH LSL296-N2Q1-1 Datasheet HTML 11Page - OSRAM GmbH LSL296-N2Q1-1 Datasheet HTML 12Page - OSRAM GmbH LSL296-N2Q1-1 Datasheet HTML 13Page - OSRAM GmbH LSL296-N2Q1-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2007-10-18
10
LS L296, LA L296, LO L296, LY L296
Maßzeichnung
8) Seite 15
Package Outlines
8) page 15
Gewicht / Approx. weight:
1.4 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 8-mm-Gurt 5000/Rolle,
ø180 mm
Method of Taping / Polarity and Orientation
8) page 15
Packing unit 8 mm tape 5000/reel, ø180 mm
Empfohlenes Lötpaddesign
8) 9) Seite 15
IR Reflow Löten
Recommended Solder Pad
8) 9) page 15
IR Reflow Soldering
GPLY7057
0.8 (0.031) ±0.1 (0.004)
Cathode
+0.05 (0.002)
-0.03 (0.001)
0.125 (0.005)
+0.02 (0.001)
-0.05 (0.002)
0.65 (0.026)
marking
marking
Cathode
±0.05 (0.002)
0.7 (0.028)
A
C
OHAY1491
1.5 (0.059)
4 (0.157)
2 (0.079)
0.9 (0.035)
A
C
0.8 (0.031)
0.8 (0.031)
0.7 (0.028)
OHAPY606
0.8 (0.031)


Similar Part No. - LSL296-N2Q1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSL296-N2Q1-1 OSRAM-LSL296-N2Q1-1 Datasheet
388Kb / 20P
   LCD Backlighting
More results

Similar Description - LSL296-N2Q1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWL283 OSRAM-LWL283 Datasheet
628Kb / 15P
   SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL29K OSRAM-LSL29K Datasheet
228Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWV18C OSRAM-LWV18C Datasheet
582Kb / 15P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Q65110A2290 OSRAM-Q65110A2290 Datasheet
349Kb / 15P
   Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com