Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTA6SG-V1AB-36 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LTA6SG-V1AB-36
Description  Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTA6SG-V1AB-36 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LTA6SG-V1AB-36 Datasheet HTML 2Page - OSRAM GmbH LTA6SG-V1AB-36 Datasheet HTML 3Page - OSRAM GmbH LTA6SG-V1AB-36 Datasheet HTML 4Page - OSRAM GmbH LTA6SG-V1AB-36 Datasheet HTML 5Page - OSRAM GmbH LTA6SG-V1AB-36 Datasheet HTML 6Page - OSRAM GmbH LTA6SG-V1AB-36 Datasheet HTML 7Page - OSRAM GmbH LTA6SG-V1AB-36 Datasheet HTML 8Page - OSRAM GmbH LTA6SG-V1AB-36 Datasheet HTML 9Page - OSRAM GmbH LTA6SG-V1AB-36 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2007-10-19
6
LB A6SG, LT A6SG
Relative spektrale Emission
2) Seite 16
Relative Spectral Emission
2) page 16
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
I
rel = f (λ); TA = 25 °C; IF = 20 mA
Abstrahlcharakteristik
2) Seite 16
Radiation Characteristic
2) page 16
I
rel = f (ϕ); TA = 25 °C
0
400
true green
550
450
500
600
650
nm
λ
700
OHL00192
I
20
40
60
80
%
100
rel
blue
λ
V
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LTA6SG-V1AB-36

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTA6SG-V1AB-36 OSRAM-LTA6SG-V1AB-36 Datasheet
475Kb / 21P
   SIDELED
More results

Similar Description - LTA6SG-V1AB-36

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWA6SG OSRAM-LWA6SG Datasheet
589Kb / 17P
   Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰)
LBL29G OSRAM-LBL29G Datasheet
234Kb / 15P
   SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
logo
ams AG
LSYT67B AMSCO-LSYT67B Datasheet
428Kb / 15P
   Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
2012-11-14
logo
OSRAM GmbH
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWY8SG OSRAM-LWY8SG Datasheet
599Kb / 17P
   Micro SIDELED짰 long life Enhanced optical Power LED
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWV18C OSRAM-LWV18C Datasheet
582Kb / 15P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com