Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25160PI Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X25160PI
Description  SPI Serial E2PROM With Block LockTM Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25160PI Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X25160PI Datasheet HTML 1Page - IC MICROSYSTEMS X25160PI Datasheet HTML 2Page - IC MICROSYSTEMS X25160PI Datasheet HTML 3Page - IC MICROSYSTEMS X25160PI Datasheet HTML 4Page - IC MICROSYSTEMS X25160PI Datasheet HTML 5Page - IC MICROSYSTEMS X25160PI Datasheet HTML 6Page - IC MICROSYSTEMS X25160PI Datasheet HTML 7Page - IC MICROSYSTEMS X25160PI Datasheet HTML 8Page - IC MICROSYSTEMS X25160PI Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This X25160 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
1
16K
X25160
2K x 8 Bit
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3064-3.9 6/11/96 T4/C1/D0 NS
Direct Write™ and Block Lock™ Protection is a trademark of Xicor, Inc.
SPI Serial E
2PROM With Block LockTM Protection
FEATURES
•2MHz Clock Rate
•SPI Modes (0,0 & 1,1)
•2K X 8 Bits
— 32 Byte Page Mode
•Low Power CMOS
— <1
µA Standby Current
— <5mA Active Current
•2.7V To 5.5V Power Supply
•Block Lock Protection
— Protect 1/4, 1/2 or all of E
2PROM Array
•Built-in Inadvertent Write Protection
— Power-Up/Power-Down protection circuitry
— Write Enable Latch
— Write Protect Pin
•Self-Timed Write Cycle
— 5ms Write Cycle Time (Typical)
•High Reliability
— Endurance: 100,000 cycles
— Data Retention: 100 Years
— ESD protection: 2000V on all pins
•8-Lead PDlP Package
•8-Lead SOIC Package
•14-Lead TSSOP Package
DESCRIPTION
The X25160 is a CMOS 16384-bit serial E
2
PROM,
internally organized as 2K x 8. The X25160 features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple three-wire bus. The bus
signals are a clock input (SCK) plus separate data in (SI) and
data out (SO) lines. Access to the device is con-
trolled through a chip select (CS) input, allowing any
number of devices to share the same bus.
The X25160 also features two additional inputs that
provide the end user with added flexibility. By asserting
the HOLD input, the X25160 will ignore transitions on its
inputs, thus allowing the host to service higher priority
interrupts. The WP input can be used as a hardwire input to
the X25160 disabling all write attempts to the status
register, thus providing a mechanism for limiting end user
capability of altering 0, 1/4, 1/2 or all of the memory.
The X25160 utilizes Xicor’s proprietary Direct Write™ cell,
providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
FUNCTIONAL DIAGRAM
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE
CONTROL
AND
TIMING
LOGIC
WRITE
PROTECT
LOGIC
X DECODE
LOGIC
2K BYTE
ARRAY
16 X 256
Y DECODE
DATA REGISTER
SO
SI
SCK
CS
HOLD
WP
16
32
8
32
STATUS
REGISTER
16
32 X 256
16 X 256
3064 ILL F01
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X25160PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25160PI XICOR-X25160PI Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25160PI-2.7 XICOR-X25160PI-2.7 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25160PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com