Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X84161-2.5 Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X84161-2.5
Description  關Port Saver EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84161-2.5 Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X84161-2.5 Datasheet HTML 1Page - IC MICROSYSTEMS X84161-2.5 Datasheet HTML 2Page - IC MICROSYSTEMS X84161-2.5 Datasheet HTML 3Page - IC MICROSYSTEMS X84161-2.5 Datasheet HTML 4Page - IC MICROSYSTEMS X84161-2.5 Datasheet HTML 5Page - IC MICROSYSTEMS X84161-2.5 Datasheet HTML 6Page - IC MICROSYSTEMS X84161-2.5 Datasheet HTML 7Page - IC MICROSYSTEMS X84161-2.5 Datasheet HTML 8Page - IC MICROSYSTEMS X84161-2.5 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©
Xicor, Inc. 1994, 1997Patents
Pending 7008-1.2 8/26/97 T2/C0/D0 SH
1
Characteristics subject to change without notice
16K/64K/128K
MPS
TM EEPROM
µPort Saver EEPROM
FEATURES
•Up to 10MHz data transfer rate
•25ns Read Access Time
•Direct Interface to Microprocessors and
Microcontrollers
—Eliminates I/O port requirements
—No interface glue logic required
—Eliminates need for parallel to serial converters
•Low Power CMOS
—1.8V–3.6V, 2.5V–5.5V and 5V ±10% Versions
—Standby Current Less than 1µA
—Active Current Less than 1mA
•Byte or Page Write Capable
—32-Byte Page Write Mode
•Typical Nonvolatile Write Cycle Time: 2ms
•High Reliability
—100,000 Endurance Cycles
—Guaranteed Data Retention: 100 Years
DESCRIPTION
The µPort Saver memories need no serial ports or special
hardware and connect to the processor memory bus.
Replacing bytewide data memory, the µPort Saver uses
bytewide memory control functions, takes a fraction of
the board space and consumes much less power.
Replacing serial memories, the µPort Saver provides all
the serial benefits, such as low cost, low power, low voltage,
and small package size while releasing I/Os for
more important uses
.
The µPort Saver memory outputs data within 25ns of an
active read signal. This is less than the read access time
of most hosts and provides “no-wait-state” operation. This
prevents bottlenecks on the bus. With rates to 10
MHz, the µPort Saver supplies data faster than required by
most host read cycle specifications. This eliminates
the need for software NOPs.
The µPort Saver memories communicate over one line of
the data bus using a sequence of standard bus read and
write operations. This “bit serial” interface allows the µPort
Saver to work well in 8-bit, 16 bit, 32-bit, and 64-bit
systems.
A Write Protect (WP) pin prevents inadvertent writes to the
memory.
Xicor EEPROMs are designed and tested for
applications requiring extended endurance. Inherent data
retention is greater than 100 years.
BLOCK DIAGRAM
CE
I/O
H.V. GENERATION
TIMING & CONTROL
EEPROM
COMMAND
DECODE
AND
CONTROL
LOGIC
X
DEC
Y DECODE
DATA REGISTER
WP
7008 FRM F02.1
OE
WE
ARRAY
16K x 8
P0/CS
P1/CLK
P2/DI
P3/DO
System Connection
Internal Block Diagram
µP
µC
Ports
8K x 8
2K x 8
Saved
DSP
ASIC
A15
A0
D7
D0
OE
WE
MPS
RISC
X84161/641/129
This X84161/641/129 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X84161-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84161P XICOR-X84161P Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84161P-1.8 XICOR-X84161P-1.8 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84161P-2.5 XICOR-X84161P-2.5 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84161PI XICOR-X84161PI Datasheet
170Kb / 18P
   uPort Saver EEPROM
More results

Similar Description - X84161-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
logo
IC MICROSYSTEMS
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com