Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24645SM Datasheet(PDF) 10 Page - IC MICROSYSTEMS

Part # X24645SM
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645SM Datasheet(HTML) 10 Page - IC MICROSYSTEMS

Back Button X24645SM Datasheet HTML 6Page - IC MICROSYSTEMS X24645SM Datasheet HTML 7Page - IC MICROSYSTEMS X24645SM Datasheet HTML 8Page - IC MICROSYSTEMS X24645SM Datasheet HTML 9Page - IC MICROSYSTEMS X24645SM Datasheet HTML 10Page - IC MICROSYSTEMS X24645SM Datasheet HTML 11Page - IC MICROSYSTEMS X24645SM Datasheet HTML 12Page - IC MICROSYSTEMS X24645SM Datasheet HTML 13Page - IC MICROSYSTEMS X24645SM Datasheet HTML 14Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
X24645
10
Block Protect Bits
The Block Protect Bits BP0 and BP1 determine which
blocks of the memory are write-protected:
Programmable Hardware Write Protect
The Write Protect (WP) pin and the Write Protect Enable
(WPEN) bit in the Write Protect Register
control the programmable hardware write protect feature.
Hardware write protection is enabled when the
WP pin is HIGH and the WPEN bit is “1”, and disabled
when either the WP pin is LOW or the WPEN bit is “0”.
When the chip is hardware write-protected, nonvolatile writes
are disabled to the Write Protect Register,
including the BP bits and the WPEN bit itself, as well as to
block-protected sections in the memory array.
Only the sections of the memory array that are not
block-protected can be written. Note that since the
WPEN bit is write-protected, it cannot be changed back
to a LOW state, and write protection is disabled
as long as the the WP pin is held HIGH. Table 2
defines the write protection status for each state of
WPEN and WP.
Table 1. Block Protect Bits
2783 FRM T02
BP1
BP0
Protected
Addresses
0
0
None
0
1
1800h–1FFFh
Upper 1/4
1
0
1000h–1FFFh
Upper 1/2
1
1
0000h–1FFFh
Full Array (WPR
not included)
Table 2. Write Protect Status Table
2783 FRM T03.1
WP
WPEN
Memory Array
(Not Block
Protected)
Memory Array
(Block Protected)
BP Bits
WPEN Bit
L
X
Writable
Protected
Writable
Writable
X
0
Writable
Protected
Writable
Writable
H
1
Writable
Protected
Protected
Protected


Similar Part No. - X24645SM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24645SM XICOR-X24645SM Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645SM-2.7 XICOR-X24645SM-2.7 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X24645SM

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com