Electronic Components Datasheet Search |
|
X24645SI Datasheet(PDF) 7 Page - IC MICROSYSTEMS |
|
X24645SI Datasheet(HTML) 7 Page - IC MICROSYSTEMS |
7 / 18 page X24645 7 Figure 7. Current Address Read Figure 8. Random Read READ OPERATIONS Read operations are initiated in the same manner as write operations with the exception that the R/W bit of the slave address is set HIGH. There are three basic read operations: current address read, random read and sequential read. It should be noted that the ninth clock cycle of the read operation is not a “don’t care.” To terminate a read operation, the master must either issue a stop condition during the ninth cycle or hold SDA HIGH during the ninth clock cycle and then issue a stop condition. Current Address Read Internally the X24645 contains an address counter that maintains the address of the last byte read, increment- ed by one or the exact address of the last byte written. Therefore, if the last access read was to address n, the next read operation would access data from address n + 1. Upon receipt of the slave address with the R/W set HIGH, the X24645 issues an acknowledge and transmits the byte. The read operation is terminated by the master; by not responding with an acknowledge and by issuing a stop condition. Refer to Figure 7 for the sequence of address, acknowledge and data transfer. Random Read Random read operations allow the master to access any memory location in a random manner. Prior to issuing the slave address with the R/W bit set HIGH, the master must first perform a “dummy” write operation. The master issues the start condition, and the slave ad- dress with the R/W bit set LOW, followed by the byte address it is to read. After the word address acknowledge, the master immediately reissues the start condition and the slave address with the R/W bit set HIGH. This will be followed by an acknowledge from the X24645 and then by the data byte. The read operation is terminated by the master; by not responding with an acknowledge and by issuing a stop condition. Refer to Figure 8 for the address, acknowledge and data transfer sequence. BUS ACTIVITY: MASTER SDA LINE BUS ACTIVITY: X24645 S T A R T SLAVE ADDRESS S S T O P P A C K DATA 2783 ILL F11 BUS ACTIVITY: MASTER SDA LINE BUS ACTIVITY: X24645 S T A R T SLAVE ADDRESS S A C K 2783 ILL F12.1 S T A R T S BYTE ADDRESS n A C K SLAVE ADDRESS DATA n A C K S T O P P |
Similar Part No. - X24645SI |
|
Similar Description - X24645SI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |