Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24320AEV Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X24320AEV
Description  400KHz 2-Wire Serial E2PROM with Block Lock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24320AEV Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X24320AEV Datasheet HTML 7Page - IC MICROSYSTEMS X24320AEV Datasheet HTML 8Page - IC MICROSYSTEMS X24320AEV Datasheet HTML 9Page - IC MICROSYSTEMS X24320AEV Datasheet HTML 10Page - IC MICROSYSTEMS X24320AEV Datasheet HTML 11Page - IC MICROSYSTEMS X24320AEV Datasheet HTML 12Page - IC MICROSYSTEMS X24320AEV Datasheet HTML 13Page - IC MICROSYSTEMS X24320AEV Datasheet HTML 14Page - IC MICROSYSTEMS X24320AEV Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X24320
11
Temperature under Bias
X24320 .......................................–65°C to +135°C
Storage Temperature ........................–65°C to +150°C
Voltage on any Pin with
Respect to VSS .................................... –1V to +7V
D.C. Output Current ..............................................5mA
Lead Temperature (Soldering,
10 seconds)
.............................. 300°C
D.C. OPERATING CHARACTERISTICS
7003 FRM T06
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
7003 FRM T07
Notes: (1)Must perform a stop command prior to measurement.
(2)VIL min. and VIH max. are for reference only and are not 100% tested. (3)This
parameter is periodically sampled and not 100% tested.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Read)
1
mA
SCL = VCC X 0.1/VCC X 0.9 Levels @
400KHz, SDA = Open, All Other
Inputs =
VSS or VCC – 0.3V
ICC2
VCC Supply Current (Write)
3
mA
ISB1 (1)
VCC Standby Current
5
A
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 5V ± 10%
ISB2 (1)
VCC Standby Current
1
A
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 2.5V
ILI
Input Leakage Current
10
A
VIN = VSS to VCC
ILO
Output Leakage Current
10
A
VOUT = VSS to VCC
VlL(2)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH(2)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
Vhys(3)
Hysteresis of Schmitt
Trigger Inputs
VCC x 0.05
V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (S0, S1, S2, SCL, WP)
6
pF
VIN = 0V
RECOMMENDED OPERATING CONDITIONS
7003 FRM T04
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
7003 FRM T05
Supply Voltage
Limits
X24320
4.5V to 5.5V
X24320–2.
5
2.5V to 5.5V
X24320–1.
8
1.8V to 3.6V
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.


Similar Part No. - X24320AEV

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320P XICOR-X24320P Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320P-1.8 XICOR-X24320P-1.8 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320P-2.5 XICOR-X24320P-2.5 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320PI XICOR-X24320PI Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24320AEV

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24257 XICOR-X24257 Datasheet
502Kb / 19P
   400kHz 2-Wire Serial EEPROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com