Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25057VIG-2.7 Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X25057VIG-2.7
Description  5MHz Low Power SPI Serial E2PROM with IDLock??Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25057VIG-2.7 Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X25057VIG-2.7 Datasheet HTML 5Page - IC MICROSYSTEMS X25057VIG-2.7 Datasheet HTML 6Page - IC MICROSYSTEMS X25057VIG-2.7 Datasheet HTML 7Page - IC MICROSYSTEMS X25057VIG-2.7 Datasheet HTML 8Page - IC MICROSYSTEMS X25057VIG-2.7 Datasheet HTML 9Page - IC MICROSYSTEMS X25057VIG-2.7 Datasheet HTML 10Page - IC MICROSYSTEMS X25057VIG-2.7 Datasheet HTML 11Page - IC MICROSYSTEMS X25057VIG-2.7 Datasheet HTML 12Page - IC MICROSYSTEMS X25057VIG-2.7 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X25057
9
A.C. CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.) Data
Input Timing
7033 FRM T10
Notes: (3)This parameter is periodically sampled and not 100% tested.
(4)tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle.
Symbol
Parameter
Voltage
Min.
Max.
Units
fSCK
Clock Frequency
2.7V–5.5V
1.8V–3.6V
0
5
3.3
MHz
tCYC
Cycle Time
2.7V–5.5V
1.8V–3.6V
200
300
ns
tLEAD
CS Lead Time
2.7V–5.5V
1.8V–3.6V
100
150
ns
tLAG
CS Lag Time
2.7V–5.5V
1.8V–3.6V
100
150
ns
tWH
Clock HIGH Time
2.7V–5.5V
1.8V–3.6V
80
130
ns
tWL
Clock LOW Time
2.7V–5.5V
1.8V–3.6V
80
130
ns
tSU
Data Setup Time
20
ns
tH
Data Hold Time
20
ns
tRI(3)
Data In Rise Time
2
s
tFI(3)
Data In Fall Time
2
s
tCS
CS Deselect Time
100
ns
tWC(4)
Write Cycle Time
10
ms
A.C. TEST CONDITIONS
7033 FRM T09
Input Pulse Levels
VCC x 0.1 to
VCC x 0.9
Input Rise and Fall
Times
10ns
Input and Output
Timing Level
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
OUTPUT
5V
2061Ο
3025Ο
30pF
OUTPUT
3.3V
2696Ο
5288Ο
30pF
OUTPUT
2V
2800Ο
5600Ο
30pF
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5.0V.
7033 FRM T08
Symbol
Parameter
Max.
Units
Conditions
COUT(3)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN(3)
Input Capacitance (SCK, SI, CS, WP)
6
pF
VIN = 0V
7033 FRM F09.1


Similar Part No. - X25057VIG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25057VI XICOR-X25057VI Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25057VI-1.8 XICOR-X25057VI-1.8 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25057VI-2.7 XICOR-X25057VI-2.7 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
More results

Similar Description - X25057VIG-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25097 ICMIC-X25097 Datasheet
123Kb / 15P
   5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
logo
Xicor Inc.
X25057 XICOR-X25057 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25097 XICOR-X25097 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
ABLIC Inc.
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
   SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
   SPI SERIAL E2PROM
Rev.4.3_02_C
S-25C256A ABLIC-S-25C256A Datasheet
449Kb / 31P
   SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C080A ABLIC-S-25C080A Datasheet
689Kb / 46P
   SPI SERIAL E2PROM
Rev.6.0_00_C
S-25CM01A ABLIC-S-25CM01A Datasheet
397Kb / 28P
   SPI SERIAL E2PROM
Rev.2.2_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com