Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24645S8IG Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X24645S8IG
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645S8IG Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X24645S8IG Datasheet HTML 1Page - IC MICROSYSTEMS X24645S8IG Datasheet HTML 2Page - IC MICROSYSTEMS X24645S8IG Datasheet HTML 3Page - IC MICROSYSTEMS X24645S8IG Datasheet HTML 4Page - IC MICROSYSTEMS X24645S8IG Datasheet HTML 5Page - IC MICROSYSTEMS X24645S8IG Datasheet HTML 6Page - IC MICROSYSTEMS X24645S8IG Datasheet HTML 7Page - IC MICROSYSTEMS X24645S8IG Datasheet HTML 8Page - IC MICROSYSTEMS X24645S8IG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Advanced 2-Wire Serial E
2
PROM with Block Lock
TM Protection
64K
8192 x 8 Bit
This X24645 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
©
Xicor, 1995, 1996 Patents Pending
Characteristics subject to change without notice
2783-3.5 5/13/96 T1/C0/D0 NS
1
X24645
FUNCTIONAL DIAGRAM
FEATURES
2.7V to 5.5V Power Supply
Low Power CMOS
—Active Read Current Less Than 1mA
—Active Write Current Less Than 3mA
—Standby Current Less Than 1∝A
Internally Organized 8192 x 8
New Programmable Block Lock Protection
—Software Write Protection
—Programmable hardware Write Protect
Block Lock (0, 1/4, 1/2, or all of the E
2
PROM
array)
2 Wire Serial Interface
Bidirectional Data Transfer Protocol
32 Byte Page Write Mode
—Minimizes Total Write Time Per Byte
Self Timed Write Cycle
—Typical Write Cycle Time of 5ms
High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
Available Packages
—8-Lead PDIP
—8-Lead SOIC (JEDEC)
—14-Lead SOIC (JEDEC)
—20-Lead TSSOP
DESCRIPTION
The X24645 is a CMOS 65,536-bit serial E
2
PROM,
internally organized 8192 x 8. The X24645 features a
serial interface and software protocol allowing operation
on a simple two wire bus.
Two device select inputs (S1, S2) allow up to four
devices to share a common two wire bus.
A Write Protect Register at the highest address location,
1FFFh, provides three new write protection
features: Software Write Protect, Block Write Protect, and
Hardware Write Protect. The Software Write
Protect feature prevents any nonvolatile writes to the
X24645 until the WEL bit in the write protect register is
set. The Block Write Protection feature allows the user to
individually write protect four blocks of the array by
programming two bits in the write protect register. The
Programmable Hardware Write Protect feature allows
the user to install the X24645 with WP tied to VCC,
program the entire memory array in place, and then
enable the hardware write protection by programming a
WPEN bit in the write protect register. After this,
selected blocks of the array, including the write protect
register itself, are permanently write protected, as long
as WP remains HIGH.
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE ADDRESS
REGISTER
+COMPARATOR
H.V. GENERATION
TIMING &
CONTROL
WORD
ADDRESS
COUNTER
XDEC
YDEC
D
OUT
ACK
E
2
PROM
256 X 256
DATA REGISTER
START CYCLE
V
CC
R/W
PIN
V
SS
SDA
SCL
S
2
S
1
D
OUT
LOAD
INC
CK
8
2783 ILL F01
WRITE PROTECT
REGISTER AND
LOGIC
WP
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X24645S8IG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24645S8I XICOR-X24645S8I Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645S8I-2.7 XICOR-X24645S8I-2.7 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X24645S8IG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com