Electronic Components Datasheet Search |
|
X76F200WI Datasheet(PDF) 2 Page - IC MICROSYSTEMS |
|
X76F200WI Datasheet(HTML) 2 Page - IC MICROSYSTEMS |
2 / 16 page X76F200 2 PIN DESCRIPTIONS Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is an open drain serial data input/output pin. During a read cycle, data is shifted out on this pin. During a write cycle, data is shifted in on this pin. In all other cases, this pin is in a high impedance state. Reset (RST) RST is a device reset pin. When RST is pulsed high the X76F200 will output 32 bits of fixed data which conforms to the standard for “synchronous response to reset”. The part must not be in a write cycle for the response to reset to occur. See Figure 7. If there is power interrupted during the Response to Reset, the response to reset will be aborted and the part will return to the standby state. The response to reset is "mask programmable" only! DEVICE OPERATION The X76F200 memory array consists of thirty 8-byte sectors. Read or write access to the array always begins at the first address of the sector. Read operations then can continue indefinitely. Write operations must total 8 bytes. There are two primary modes of operation for the X76F200; Protected READ and protected WRITE. Protected operations must be performed with one of two 8-byte passwords. The basic method of communication for the device is generating a start condition, then transmitting a command, followed by the correct password. All parts will be shipped from the factory with all passwords equal to ‘0’. The user must perform ACK Polling to determine the validity of the password, before starting a data transfer (see Acknowledge Polling.) Only after the correct password is accepted and a ACK polling has been performed, can the data transfer occur. To ensure the correct communication, RST must remain LOW under all conditions except when running a “Response to Reset sequence”. Data is transferred in 8-bit segments, with each transfer being followed by an ACK, generated by the receiving device. If the X76F200 is in a nonvolatile write cycle a “no A CK” (SDA=High) response will be issued in response to loading of the command byte. If a stop is issued prior to the nonvolatile write cycle the write operation will be terminated and the part will reset and enter into a standby mode. The basic sequence is illustrated in Figure 1. PIN NAMES PIN CONFIGURATION After each transaction is completed, the X76F200 will reset and enter into a standby mode. This will also be the response if an unsuccessful attempt is made to access a protected array. Symbol Description SDA Serial Data Input/Output SCL Serial Clock Input RST Reset Input Vcc Supply Voltage Vss Ground NC No Connect SDA VCC RST SCL NC 1 2 3 4 7 8 6 5 SOIC VCC RST SCL VSS NC SDA Smart Card Module NC NC NC GND NC RST SCL SDA Vss 1 2 3 4 7 8 6 5 PDIP VCC NC NC NC VSS RST SDA NC NC 1 2 3 4 7 8 6 5 VCC SCL NC TSSOP |
Similar Part No. - X76F200WI |
|
Similar Description - X76F200WI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |