Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25097SG-2.7 Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # X25097SG-2.7
Description  5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25097SG-2.7 Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  X25097SG-2.7 Datasheet HTML 1Page - IC MICROSYSTEMS X25097SG-2.7 Datasheet HTML 2Page - IC MICROSYSTEMS X25097SG-2.7 Datasheet HTML 3Page - IC MICROSYSTEMS X25097SG-2.7 Datasheet HTML 4Page - IC MICROSYSTEMS X25097SG-2.7 Datasheet HTML 5Page - IC MICROSYSTEMS X25097SG-2.7 Datasheet HTML 6Page - IC MICROSYSTEMS X25097SG-2.7 Datasheet HTML 7Page - IC MICROSYSTEMS X25097SG-2.7 Datasheet HTML 8Page - IC MICROSYSTEMS X25097SG-2.7 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X25097
5
Figure 2. Read Operation Sequence
Figure 3. Read Status Operation Sequence
0
1
2
3
4
5
6
7
8
9
CS
SCK
SI
SO
HIGH IMPEDANCE
READ INSTRUCTION
(1 BYTE)
BYTE ADDRESS (2 BYTE)
DATA OUT
15 14
3
2
1
0
20 21 22 23 24 25 26 27 28 29 30
7038 FRM F03.1
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
CS
SCK
SI
SO
NONVOLATILE WRITE IN PROGRESS
READ STATUS
INSTRUCTION
7038 FRM F04.2
SO HIGH DURING
NONVOLATILE
WRITE CYCLE
SO = STATUS REG BIT
WHEN NO NONVOLATILE
WRITE CYCLE
...
...
...
I
D
L
2
I
D
L
1
I
D
L
0


Similar Part No. - X25097SG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097S XICOR-X25097S Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097S-1.8 XICOR-X25097S-1.8 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097S-2.7 XICOR-X25097S-2.7 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097SI XICOR-X25097SI Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097SI-1.8 XICOR-X25097SI-1.8 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
More results

Similar Description - X25097SG-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
X25057 XICOR-X25057 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25097 XICOR-X25097 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
logo
ABLIC Inc.
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
   SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
   SPI SERIAL E2PROM
Rev.4.3_02_C
S-25C256A ABLIC-S-25C256A Datasheet
449Kb / 31P
   SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C080A ABLIC-S-25C080A Datasheet
689Kb / 46P
   SPI SERIAL E2PROM
Rev.6.0_00_C
S-25CM01A ABLIC-S-25CM01A Datasheet
397Kb / 28P
   SPI SERIAL E2PROM
Rev.2.2_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com