Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F641X Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X76F641X
Description  Secure Serial Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F641X Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X76F641X Datasheet HTML 1Page - IC MICROSYSTEMS X76F641X Datasheet HTML 2Page - IC MICROSYSTEMS X76F641X Datasheet HTML 3Page - IC MICROSYSTEMS X76F641X Datasheet HTML 4Page - IC MICROSYSTEMS X76F641X Datasheet HTML 5Page - IC MICROSYSTEMS X76F641X Datasheet HTML 6Page - IC MICROSYSTEMS X76F641X Datasheet HTML 7Page - IC MICROSYSTEMS X76F641X Datasheet HTML 8Page - IC MICROSYSTEMS X76F641X Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Xicor, Inc. 1994, 1995, 1996 Patents
Pending 9900-5004.5 3/9/99 EP
1
Characteristics subject to change without notice
64K
X76F641
8Kx8 + 32x8
Functional Diagram
Secure Serial Flash
FEATURES
•64-bit Password Security
—Five 64-bit Passwords for Read, Program
and Reset
•8192 Byte+32 Byte Password Protected Arrays
—Seperate Read Passwords
—Seperate Write Passwords
—Reset Password
•Programmable Passwords
•Retry Counter Register
—Allows 8 tries before clearing of both arrays
—Password Protected Reset
•32-bit Response to Reset (RST Input)
•32 byte Sector Program
•400kHz Clock Rate
•2 wire Serial Interface
•Low Power CMOS
—2.0 to 5.5V operation
—Standby current Less than 1µA
—Active current less than 3 mA
•High Reliability Endurance:
—100,000 Write Cycles
•Data Retention: 100 years
•Available in:
—8 lead EIAJ SOIC
—SmartCard Module
DESCRIPTION
The X76F641 is a Password Access Security Supervisor,
containing one 65536-bit Secure Serial Flash array and
one 256-bit Secure Serial Flash array. Access to each
memory array is controlled by five 64-bit passwords
each. These passwords protect read and write opera-
tions of the memory array. A separate RESET password
is used to reset the passwords and clear the memory
arrays in the event the read and write passwords are lost.
The X76F641 features a serial interface and software
protocol allowing operation on a popular two wire bus.
The bus signals are a clock Input (SCL) and a bidirec-
tional data input and output (SDA).
The X76F641 also features a synchronous response to reset
providing an automatic output of a hard-wired 32-bit
data stream conforming to the industry standard for
memory cards.
The X76F641 utilizes Xicor’s proprietary Direct Write
TM
cell,
providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
LOGIC
SCL
SDA
RST
INTERFACE
8K BYTE
DATA TRANSFER
ARRAY ACCESS
ENABLE
RESET
RESPONSE REGISTER
PASSWORD ARRAY
AND PASSWORD
VERIFICATION LOGIC
RETRY COUNTER
SerialFlash ARRAY
32 BYTE
SerialFlash ARRAY
ARRAY 0
ARRAY 1
(PASSWORD PROTECTED)
(PASSWORD PROTECTED)
7025 FM 01
This X76F641 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X76F641X

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F641X XICOR-X76F641X Datasheet
116Kb / 17P
   Secure SerialFlash
X76F641X-2.0 XICOR-X76F641X-2.0 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F641XE XICOR-X76F641XE Datasheet
116Kb / 17P
   Secure SerialFlash
X76F641XE-2.0 XICOR-X76F641XE-2.0 Datasheet
116Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F641X

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F640 ICMIC-X76F640 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F200 ICMIC-X76F200 Datasheet
389Kb / 16P
   Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
   Industrial 1 secure serial port
logo
Catalyst Semiconductor
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com