Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F101PI Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X76F101PI
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F101PI Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X76F101PI Datasheet HTML 7Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 8Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 9Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 10Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 11Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 12Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 13Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 14Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X76F101
11
RST Timing Diagram – Response to a Synchronous Reset
GUIDELINES FOR CALCULATING TYPICAL VALUES OF BUS PULL UP RESISTORS
tRST
tNOL
tHIGH_RST
tLOW_RST
tCDV
tRDV
tSU:RST
DATA BIT (1)
DATA BIT (2)
1st
clk
pulse
2nd
clk
pulse
3rd
clk
pulse
CS
I/O
CLK
RST
tNOL
tSR
DATA BIT (N)
DATA BIT (N+1)
CS
I/O
CLK
RST
tDHZ
(N+2)
100
80
60
40
20
Bus capacitance in pF
RMIN
RMAX
20
40
60
80
100
R
MIN
V
CCMAX
I
OLMIN
--------------------------
1.8KΟ
=
=
R
MAX
t
R
C
BUS
----------------
-
=
tR = maximum allowable SDA rise time


Similar Part No. - X76F101PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F101PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com