Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4255 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4255
Description  High Power Infrared Emitter (850 nm)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4255 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4255 Datasheet HTML 1Page - OSRAM GmbH SFH4255 Datasheet HTML 2Page - OSRAM GmbH SFH4255 Datasheet HTML 3Page - OSRAM GmbH SFH4255 Datasheet HTML 4Page - OSRAM GmbH SFH4255 Datasheet HTML 5Page - OSRAM GmbH SFH4255 Datasheet HTML 6Page - OSRAM GmbH SFH4255 Datasheet HTML 7Page - OSRAM GmbH SFH4255 Datasheet HTML 8Page - OSRAM GmbH SFH4255 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2007-04-25
2
SFH 4255
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op , Tstg
– 40
… + 100
°C
Sperrspannung
Reverse voltage
V
R
5
V
Vorwärtsgleichstrom
Forward current
I
F
100
mA
Stoßstrom,
t
p = 200 µs, D = 0
Surge current
I
FSM
1
A
Verlustleistung
Power dissipation
P
tot
180
mW
Wärmewiderstand Sperrschicht - Umgebung bei
Montage auf FR4 Platine, Padgröße je 16 mm
2
Thermal resistance junction - ambient mounted
on PC-board (FR4), padsize 16 mm
2 each
Wärmewiderstand Sperrschicht - Lötstelle bei
Montage auf Metall-Block
Thermal resistance junction - soldering point,
mounted on metal block
R
thJA
R
thJS
450
200
K/W
K/W
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 100 mA
λ
peak
850
nm
Spektrale Bandbreite bei 50% von
I
max
Spectral bandwidth at 50% of
I
max
I
F = 100 mA
∆λ
35
nm
Abstrahlwinkel
Half angle
ϕ
± 60
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.09
mm
2
Abmessungen der aktiven Chipfläche
Dimension of the active chip area
L × B
L × W
0.3
× 0.3
mm²


Similar Part No. - SFH4255

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4255 OSRAM-SFH4255 Datasheet
152Kb / 10P
   10IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4255 OSRAM-SFH4255 Datasheet
402Kb / 13P
   High Power
SFH4255-S OSRAM-SFH4255-S Datasheet
402Kb / 13P
   High Power
SFH4255 OSRAM-SFH4255_12 Datasheet
152Kb / 10P
   10IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4255 OSRAM-SFH4255_16 Datasheet
402Kb / 13P
   High Power
More results

Similar Description - SFH4255

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
   High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
   High Power Infrared Emitter (850 nm)
SFH-4254 OSRAM-SFH-4254 Datasheet
279Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4250 OSRAM-SFH4250 Datasheet
231Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4059SR OSRAM-SFH4059SR Datasheet
365Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4252 OSRAM-SFH4252 Datasheet
226Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4052 OSRAM-SFH4052 Datasheet
367Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4257R OSRAM-SFH4257R Datasheet
390Kb / 13P
   High Power Infrared Emitter (850 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com