Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYA67B Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LYA67B
Description  Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYA67B Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LYA67B Datasheet HTML 5Page - OSRAM GmbH LYA67B Datasheet HTML 6Page - OSRAM GmbH LYA67B Datasheet HTML 7Page - OSRAM GmbH LYA67B Datasheet HTML 8Page - OSRAM GmbH LYA67B Datasheet HTML 9Page - OSRAM GmbH LYA67B Datasheet HTML 10Page - OSRAM GmbH LYA67B Datasheet HTML 11Page - OSRAM GmbH LYA67B Datasheet HTML 12Page - OSRAM GmbH LYA67B Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LS A67B, LO A67B, LY A67B
2006-03-17
9
Maßzeichnung
8)
Seite 15
Package Outlines8) page 15
Kathodenkennung:
abgeschrägte Ecke
Cathode mark:
bevelled edge
Gewicht / Approx. weight:
40 mg
Gurtung / Polarität und Lage
8)
Seite 15
Verpackungseinheit 2000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 15
Packing unit 2000/reel, ø330 mm
GPLY6880
(R1)
Cathode marking
Cathode
Anode
(2.4 (0.094))
0.9 (0.035)
1.1 (0.043)
spacing
2.54 (0.100)
(2.85 (0.112))
(1.4 (0.055))
3.8 (0.150)
4.2 (0.165)
A
C
OHAY2273
1.5 (0.059)
4 (0.157)
2 (0.079)
8 (0.315)
4.25 (0.167)
Cathode/Collector Marking


Similar Part No. - LYA67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYA67B OSRAM-LYA67B Datasheet
438Kb / 19P
   Coupling into Light Guides
More results

Similar Description - LYA67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com