Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F641WEG Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # X76F641WEG
Description  Secure Serial Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F641WEG Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  X76F641WEG Datasheet HTML 1Page - IC MICROSYSTEMS X76F641WEG Datasheet HTML 2Page - IC MICROSYSTEMS X76F641WEG Datasheet HTML 3Page - IC MICROSYSTEMS X76F641WEG Datasheet HTML 4Page - IC MICROSYSTEMS X76F641WEG Datasheet HTML 5Page - IC MICROSYSTEMS X76F641WEG Datasheet HTML 6Page - IC MICROSYSTEMS X76F641WEG Datasheet HTML 7Page - IC MICROSYSTEMS X76F641WEG Datasheet HTML 8Page - IC MICROSYSTEMS X76F641WEG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
X76F641
2
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a true three state serial data input/output pin. During
a read cycle, data is shifted out on this pin. During a
write cycle, data is shifted in on this pin. In all
other cases, this pin is in a high impedance state.
Reset (RST)
RST is a device reset pin. When RST is pulsed high the
X76F641 will output 32 bits of fixed data which conforms
to the standard for “synchronous response to reset”.
The part
must not be in a write cycle for the response to reset to
occur. See Figure 11. If there is power interrupted dur-
ing the Response to Reset, the response to reset will be
aborted and the part will return to the standby state. The
response to reset is "mask programmable" only!
DEVICE OPERATION
There are two primary modes of operation for
the X76F641; Protected READ and protected WRITE.
Protected operations must be performed with one of four
8-byte passwords.
The basic method of communication for the device is
generating a start condition, then transmitting a com-
mand, followed by the correct password. All parts will be
shipped from the factory with all passwords equal to ‘0’.
The user must perform ACK Polling to determine the
validity of the password, before starting a data transfer
(see Acknowledge Polling.) Only after the correct pass-
word is accepted and a ACK polling has been performed,
can the data transfer occur.
To ensure the correct communication, RST must remain
LOW under all conditions except when running a
“Response to Reset sequence”.
Data is transferred in 8-bit segments, with each transfer being
followed by an ACK, generated by the receiving
device.
If the X76F641 is in a nonvolatile write cycle a “no A
CK”
(SDA=High) response will be issued in response to loading
of the command byte. If a stop is issued prior to the
nonvolatile write cycle the write operation will be terminated
and the part will reset and enter into a standby
mode.
The basic sequence is illustrated in Figure 1.
PIN NAMES
PIN CONFIGURATION
After each transaction is completed, the X76F641 will
reset and enter into a standby mode. This will also be the
response if an unsuccessful attempt is made to access a
protected array.
Symbol
Description
SDA
Serial Data Input/Output
SCL
Serial Clock Input
RST
Reset Input
Vcc
Supply Voltage
Vss
Ground
NC
No Connect
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
EIAJ SOIC
VCC
RST
SCL
VSS
NC
SDA
Smart Card
NC
NC
7025 FM 02
NC
GND
NC


Similar Part No. - X76F641WEG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F641WE XICOR-X76F641WE Datasheet
116Kb / 17P
   Secure SerialFlash
X76F641WE-2.0 XICOR-X76F641WE-2.0 Datasheet
116Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F641WEG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F640 ICMIC-X76F640 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F200 ICMIC-X76F200 Datasheet
389Kb / 16P
   Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
   Industrial 1 secure serial port
logo
Catalyst Semiconductor
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com