Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24165VG-2.7 Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X24165VG-2.7
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24165VG-2.7 Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X24165VG-2.7 Datasheet HTML 5Page - IC MICROSYSTEMS X24165VG-2.7 Datasheet HTML 6Page - IC MICROSYSTEMS X24165VG-2.7 Datasheet HTML 7Page - IC MICROSYSTEMS X24165VG-2.7 Datasheet HTML 8Page - IC MICROSYSTEMS X24165VG-2.7 Datasheet HTML 9Page - IC MICROSYSTEMS X24165VG-2.7 Datasheet HTML 10Page - IC MICROSYSTEMS X24165VG-2.7 Datasheet HTML 11Page - IC MICROSYSTEMS X24165VG-2.7 Datasheet HTML 12Page - IC MICROSYSTEMS X24165VG-2.7 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
X24165
9
WRITE PROTECT REGISTER
The Write Protect Register (WPR) is located at the
highest address, 7FFh.
Figure 11. Write Protect Register
WPR.1 = WEL –
Write Enable Latch (Volatile)
0 = Write enable latch reset, writes disabled 1 =
Write enable latch set, writes enabled
If WEL = 0 then “no ACK” after first byte of input data.
WPR.2 = RWEL –
Register Write Enable Latch (Volatile)
0 = Register write enable latch reset, writes
disabled
1 = Register write enable latch set, writes enabled
WPR.3, WPR.4 = BP0, BP1 –
Block Protect Bits (Nonvolatile)
(See
Block Protect section for definition)
WPR.7 = WPEN –
Write Protect Enable Bit (Nonvolatile)
(See Hardware Write Protect section for definition)
Writing to the Write Protect Register
The Write Protect Register is written by performing a
random write of one byte directly to address, 7FFh. If a
page write is performed starting with any address other
than 7FFh, the byte in the array at address 7FFh
will be written instead of the Write Protect Register
(assuming writes are not disabled by the block protect
register).
The state of the Write Protect Register can be read by
performing a random read at address 7FFh at any
time. If a sequential read starting at any other address than
7FFh is performed, the contents of the byte in the
array at 7FFh is read out instead of the Write Protect
Register.
7
6
5
4
3
2
1
0
WPEN
0
0
BP1
BP0
RWEL
WEL
0
6551 ILL F15.1
WPR (Addr = 7FFh)
WEL and RWEL are volatile latches that power-up in the
LOW (disabled) state. A write to any address other
than 7FFh, where the Write Protect Register is located,
will be ignored (no ack) until the WEL bit is set
HIGH. The WEL bit is set by writing 0000001x to
address 7FFh. Once set, WEL remains HIGH until
either reset (by writing 00000000 to 7FFh) or until the part
powers-up again. The RWEL bit controls writes to
the block protect bits. RWEL is set by first setting WEL = 1
and then writing 0000011x to address 7FFh.
RWEL must be set in order to change the block protect bits,
BP0 and BP1, or the WPEN bit. RWEL is reset
when the block protect or WPEN bits are changed, or
when the part powers-up again.
Programming the BP or WPEN Bits
A three step sequence is required to change the
non-volatile Block Protect or Write Protect Enable:
1) Set WEL = 1 (write 00000010 to address 7FFh,
volatile write cycle)
(Start)
2) Set RWEL = 1 (write 00000110 to address 7FFh,
volatile write cycle)
(Start)
3) Set BP1, BP0, and/or WPEN bits (Write w00yz010 to
address 7FFh)
w = WPEN, y = BP1, Z = BP0,
(Stop)
Step 3 is a nonvolatile write cycle, requiring 10ms to complete.
RWEL is reset (0) by this write cycle,
requiring another write cycle to set RWEL again before the
block protect bits can be changed. RWEL must be
0 in step 3; if w00yz110 is written to address 7FFh,
RWEL is set but WPEN, BP1 and BP0 are not
changed (the device remains at step 2).


Similar Part No. - X24165VG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165V XICOR-X24165V Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165V-2.7 XICOR-X24165V-2.7 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165VI XICOR-X24165VI Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165VI-2.7 XICOR-X24165VI-2.7 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24165VM XICOR-X24165VM Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
More results

Similar Description - X24165VG-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com