Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F641H-2.0 Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X76F641H-2.0
Description  Secure Serial Flash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F641H-2.0 Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X76F641H-2.0 Datasheet HTML 7Page - IC MICROSYSTEMS X76F641H-2.0 Datasheet HTML 8Page - IC MICROSYSTEMS X76F641H-2.0 Datasheet HTML 9Page - IC MICROSYSTEMS X76F641H-2.0 Datasheet HTML 10Page - IC MICROSYSTEMS X76F641H-2.0 Datasheet HTML 11Page - IC MICROSYSTEMS X76F641H-2.0 Datasheet HTML 12Page - IC MICROSYSTEMS X76F641H-2.0 Datasheet HTML 13Page - IC MICROSYSTEMS X76F641H-2.0 Datasheet HTML 14Page - IC MICROSYSTEMS X76F641H-2.0 Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X76F641
11
EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
7002 FM T09
3V
1.3KΟ
OUTPUT
100pF
5V
1533Ο
OUTPUT
100pF
7025 FM 17
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x 0.5
Output Load
100pF
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
7002 FM T07
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
7002 FM T08
NOTES: (1) Must perform a stop command after a read command prior to measurement
(2) VIL min. and VIH max. are for reference only and are not tested.
(3) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC1
VCC Supply Current
(Read)
1
mA
fSCL = VCC x 0.1/VCC x 0.9 Levels @ 400 KHz, SDA =
Open
RST = VSS
ICC2 (3)
VCC Supply Current
(Write)
3
mA
fSCL = VCC x 0.1/VCC x 0.9 Levels @ 400 KHz, SDA =
Open
RST = VSS
ISB1 (1)
VCC Supply Current
(Standby)
50
µA
VIL = VCC x 0.1, VIH = VCC x 0.9
fSCL
= 400 KHz, fSDA = 400 KHz
ISB2 (1)
VCC Supply Current
(Standby)
1
µA
VSDA = VSCC = VCC Other =
GND or VCC–0.3V
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VIL1(2)
Input LOW Voltage
–0.5
VCC x 0.3
V
VCC = 5.5V
VIH1 (2)
Input HIGH Voltage
VCC x 0.7VCC + 0.5
V
VCC = 5.5V
VIL2(2)
Input LOW Voltage
–0.5
VCC x 0.1
V
VCC = 2.0V
VIH2 (2)
Input HIGH Voltage
VCC x 0.9VCC + 0.5
V
VCC = 2.0V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
Symbol
Test
Max.
Units
Conditions
COUT (3)
Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (RST, SCL)
6
pF
VIN = 0V


Similar Part No. - X76F641H-2.0

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F641H-2.0 XICOR-X76F641H-2.0 Datasheet
116Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F641H-2.0

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F640 ICMIC-X76F640 Datasheet
350Kb / 17P
   Secure Serial Flash
X76F200 ICMIC-X76F200 Datasheet
389Kb / 16P
   Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
   Industrial 1 secure serial port
logo
Catalyst Semiconductor
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com