Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F101X-3.0 Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X76F101X-3.0
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F101X-3.0 Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X76F101X-3.0 Datasheet HTML 5Page - IC MICROSYSTEMS X76F101X-3.0 Datasheet HTML 6Page - IC MICROSYSTEMS X76F101X-3.0 Datasheet HTML 7Page - IC MICROSYSTEMS X76F101X-3.0 Datasheet HTML 8Page - IC MICROSYSTEMS X76F101X-3.0 Datasheet HTML 9Page - IC MICROSYSTEMS X76F101X-3.0 Datasheet HTML 10Page - IC MICROSYSTEMS X76F101X-3.0 Datasheet HTML 11Page - IC MICROSYSTEMS X76F101X-3.0 Datasheet HTML 12Page - IC MICROSYSTEMS X76F101X-3.0 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
X76F101
9
AC CHARACTERISTICS
(TA = -40˚C to +85˚C, VCC = +3.0V to +5.5V, unless otherwise specified.)
Notes:1.
These Specs are not defined in the ISO 7816-3 Standard, since CS is not defined.
2.
Cb = total capacitance of one bus line in pF
3. tAA = 1.1µs Max below VCC = 3.0V.
RESET AC SPECIFICATIONS
Power Up Timing
Notes:1.
Delays are measured from the time VCC is stable until the specified operation can be initiated. These parameters are periodically sampled and not
100% tested.
2.
Typical values are for TA = 25˚C and VCC = 5.0V
Symbol
Parameter
Min
Max
Units
fSCL
SCL Clock Frequency
0
1
MHz
tAA(3)
SCL LOW to SDA Data Out Valid
0.1
0.9
s
tBUF
Time the Bus Must Be Free Before a New Transmission Can Start
1.2
s
tHD:STA
Start Condition Hold Time
0.6
s
tLOW
Clock LOW Period
1.2
s
tHIGH
Clock HIGH Period
0.6
s
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
0.6
s
tHD:DAT
Data In Hold Time
0
s
tSU:DAT
Data In Setup Time
100
ns
tR
SDA and SCL Rise Time
20+0.1XCb (2)
300
ns
tF
SDA and SCL Fall Time
20+0.1XCb (2)
300
ns
tSU:STO
Stop Condition Setup Time
0.6
s
tDH
Data Out Hold Time
0.1
s
tNOL
RST to SCL Non-Overlap
500
ns
tRDV
RST LOW to SDA Valid During Response to Reset
0
450
ns
tCDV
CLK LOW to SDA Valid During Response to Reset
0
450
ns
tDHZ(1)
Device Deselect to SDA high impedance
0
450
ns
tSR(1)
Device Select to RST active
0
ns
tRST
RST High Time
1.5
s
tSU:RST
RST Setup Time
500
ns
tSU:CS
CS Setup Time
200
ns
tSU:CS
CS Hold Time
100
ns
Symbol
Parameter
Min.
Typ
(2)
Max.
Units
tPUR (1)
Time from Power Up to Read
1
mS
tPUW (1)
Time from Power Up to Write
5
mS


Similar Part No. - X76F101X-3.0

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F101X-3.0

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com