Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C04PI-3 Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X24C04PI-3
Description  Serial E2PROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C04PI-3 Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X24C04PI-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C04PI-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C04PI-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C04PI-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C04PI-3 Datasheet HTML 9Page - IC MICROSYSTEMS X24C04PI-3 Datasheet HTML 10Page - IC MICROSYSTEMS X24C04PI-3 Datasheet HTML 11Page - IC MICROSYSTEMS X24C04PI-3 Datasheet HTML 12Page - IC MICROSYSTEMS X24C04PI-3 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
X24C04
9
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Read)
1
SCL = VCC x 0.1/VCC x 0.9 Levels
ICC2
VCC Supply Current (Write)
3
mA
@ 100 KHz, SDA = Open, All Other
Inputs = GND or VCC – 0.3V
ISB1(1)
VCC Standby Current
150
A
SCL = SDA = VCC – 0.3V, All Other
Inputs = GND or VCC, VCC = 5.5V
I
SB2
(1)
VCC Standby Current
50
A
SCL = SDA = VCC – 0.3V, All Other
Inputs = GND or VCC,
VCC = 3V
ILI
Input Leakage Current
10
A
VIN = GND to VCC
ILO
Output Leakage Current
10
A
VOUT = GND to VCC
V
lL
(2)
Input Low Voltage
–1.0
VCC x 0.3
V
V
IH
(2)
Input High Voltage
VCC x 0.7VCC + 0.5
V
VOL
Output Low Voltage
0.4
V
IOL = 3 mA
3839 PGM T03
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
.................. –65°C to +135°C
Storage Temperature ....................... –65°C to +150°C
Voltage on any Pin with
Respect to V SS ............................ –1.0V to +7.0V
D.C. Output Current ............................................ 5 mA
Lead Temperature (Soldering,
10 Seconds)
............................. 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating condition
for extended periods may affect device reliability.
Supply Voltage
Limits
X24C04
4.5V to 5.5V
X24C04-3.5
3.5V to 5.5V
X24C04-3
3V to 5.5V
X24C04-2.7
2.7V to 5.5V
3836 PGM T03
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
3836 PGM T02
CAPACITANCE TA = 25°C, f = 1.0MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
C
I/O
(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
C
IN
(3)
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
3839 PGM T05
Notes:(1)Must perform a stop command prior to measurement.
(2)VIL min. and VIH max. are for reference only and are not tested.
(3)This parameter is periodically sampled and not 100% tested.


Similar Part No. - X24C04PI-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04PI-3 XICOR-X24C04PI-3 Datasheet
78Kb / 18P
   Serial E2PROM
X24C04PI-3.5 XICOR-X24C04PI-3.5 Datasheet
78Kb / 18P
   Serial E2PROM
More results

Similar Description - X24C04PI-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com