Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C01AS8M-3 Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # X24C01AS8M-3
Description  Serial E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01AS8M-3 Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  X24C01AS8M-3 Datasheet HTML 1Page - IC MICROSYSTEMS X24C01AS8M-3 Datasheet HTML 2Page - IC MICROSYSTEMS X24C01AS8M-3 Datasheet HTML 3Page - IC MICROSYSTEMS X24C01AS8M-3 Datasheet HTML 4Page - IC MICROSYSTEMS X24C01AS8M-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C01AS8M-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C01AS8M-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C01AS8M-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C01AS8M-3 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
X24C01A
5
Page Write
The X24C01A is capable of an four byte page write
operation. It is initiated in the same manner as the byte
write operation, but instead of terminating the write cycle after
the first data word is transferred, the master can
transmit up to three more words. After the receipt of each word,
the X24C01A will respond with an acknowledge.
After the receipt of each word, the two low order address bits
are internally incremented by one. The high order
five bits of the address remain constant. If the master should
transmit more than four words prior to generating
the stop condition, the address counter will “roll over” and
the previously written data will be overwritten. As
with the byte write operation, all inputs are disabled until
completion of the internal write cycle. Refer to Figure 6
for the address, acknowledge and data transfer
sequence.
Acknowledge Polling
The disabling of the inputs, during the internal write
operation, can be used to take advantage of the typical
5 ms write cycle time. Once the stop condition is issued to
indicate the end of the host’s write operation the
X24C01A initiates the internal write cycle. ACK polling can
be initiated immediately. This involves issuing the
start condition followed by the slave address for a write
operation. If the X24C01A is still busy with the write
operation no ACK will be returned. If the X24C01A has
completed the write operation an ACK will be returned
and the master can then proceed with the next read or write
operation (See Flow 1).
READ OPERATIONS
Read operations are initiated in the same manner as write
operations with the exception that the R/W bit of the
slave address is set to a one. There are three basic read
operations: current address read, random read and
sequential read.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read
operation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Flow 1. ACK Polling Sequence
3841 FHD F11
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE BYTE
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO


Similar Part No. - X24C01AS8M-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C01AS8M-3 XICOR-X24C01AS8M-3 Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8M-3.5 XICOR-X24C01AS8M-3.5 Datasheet
58Kb / 13P
   Serial E2PROM
More results

Similar Description - X24C01AS8M-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com