Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C04S8I-3.5 Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # X24C04S8I-3.5
Description  Serial E2PROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C04S8I-3.5 Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  X24C04S8I-3.5 Datasheet HTML 1Page - IC MICROSYSTEMS X24C04S8I-3.5 Datasheet HTML 2Page - IC MICROSYSTEMS X24C04S8I-3.5 Datasheet HTML 3Page - IC MICROSYSTEMS X24C04S8I-3.5 Datasheet HTML 4Page - IC MICROSYSTEMS X24C04S8I-3.5 Datasheet HTML 5Page - IC MICROSYSTEMS X24C04S8I-3.5 Datasheet HTML 6Page - IC MICROSYSTEMS X24C04S8I-3.5 Datasheet HTML 7Page - IC MICROSYSTEMS X24C04S8I-3.5 Datasheet HTML 8Page - IC MICROSYSTEMS X24C04S8I-3.5 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
X24C04
5
DEVICE ADDRESSING
Following a start condition the master must output the
address of the slave it is accessing. The most significant
four bits of the slave are the device type identifier (see
Figure 4). For the X24C04 this is fixed as 1010[B].
The last bit of the slave address defines the operation to be
performed. When set to one a read operation is
selected, when set to zero a write operation is selected.
Following the start condition, the X24C04 monitors the
SDA bus comparing the slave address being transmitted
with its slave address (device type and state of A1
and A2 inputs). Upon a correct compare the X24C04
outputs an acknowledge on the SDA line. Depending on the
state of the R/W bit, the X24C04 will execute a read
or write operation.
WRITE OPERATIONS
Byte Write
For a write operation, the X24C04 requires a second
address field. This address field is the word address,
comprised of eight bits, providing access to any one of the
512 words of memory. Upon receipt of the word address
the X24C04 responds with an acknowledge, and awaits the
next eight bits of data, again responding with an
acknowledge. The master then terminates the transfer by
generating a stop condition, at which time the X24C04
begins the internal write cycle to the nonvolatile memory.
While the internal write cycle is in progress the X24C04
inputs are disabled, and the device will not respond to any
requests from the master. Refer to Figure 5 for the
address, acknowledge and data transfer sequence.
Figure 4. Slave Address
3839 FHD F09
The next two significant bits address a particular device. A
system could have up to four X24C04 devices on the
bus (see Figure 10). The four addresses are defined by the
state of the A1 and A2 inputs.
The next bit of the slave address is an extension of the
array’s address and is concatenated with the eight bits
of address in the word address field, providing direct access
to the whole 512 x 8 array.
Figure 5. Byte Write
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C04
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
WORD
ADDRESS
DATA
3839 FHD F10
1
0
1
0
A2
A1
A0
R/W
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESS
HIGH
ORDER
WORD
ADDRESS


Similar Part No. - X24C04S8I-3.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04S8I-3.5 XICOR-X24C04S8I-3.5 Datasheet
78Kb / 18P
   Serial E2PROM
More results

Similar Description - X24C04S8I-3.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com