Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7333Q Datasheet(PDF) 10 Page - IC MICROSYSTEMS

Part # ICM7333Q
Description  Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7333Q Datasheet(HTML) 10 Page - IC MICROSYSTEMS

Back Button ICM7333Q Datasheet HTML 3Page - IC MICROSYSTEMS ICM7333Q Datasheet HTML 4Page - IC MICROSYSTEMS ICM7333Q Datasheet HTML 5Page - IC MICROSYSTEMS ICM7333Q Datasheet HTML 6Page - IC MICROSYSTEMS ICM7333Q Datasheet HTML 7Page - IC MICROSYSTEMS ICM7333Q Datasheet HTML 8Page - IC MICROSYSTEMS ICM7333Q Datasheet HTML 9Page - IC MICROSYSTEMS ICM7333Q Datasheet HTML 10Page - IC MICROSYSTEMS ICM7333Q Datasheet HTML 11Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ICM7373/7353/7333
Dual 12/10/8-Bit Voltage Output DACs
Serial Interface with Adjustable Output Gain
Rev. A1
ICmic reserves the right to change the specifications without prior notice.
10
IC MICROSYSTEMS
ICmic
PACKAGE INFORMATION
16 QSOP
Note:
1.
All Linear dimensions are in inches (millimeters) format
2.
This drawing is subject to change without notice
3.
Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
4.
Falls within JEDEC MO-137.
PINS
DIM
16
20
A MAX
0.197 (5,00)
0.344 (8,74)
A MIN
0.189 (4,80)
0.337 (8,56)
0.010 (0,25)
0.004 (0,10)
0.157 (3,99)
0.150 (3,81)
0.244 (6,20)
0.228 (5,80)
0.012 (0,30)
0.008 (0,20)
0.025 (0,64)
0.069 (1,75) MAX
0.069 (1,75) MAX
0.008 (0,20) NOM
GAUGE PLANE
0.035 (0,89)
0.016 (0,40)
0.010 (0,25)
0° - 8°
SEATING PLANE
1
8
9
16
A


Similar Part No. - ICM7333Q

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7332 ICMIC-ICM7332 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7332Q ICMIC-ICM7332Q Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7332QG ICMIC-ICM7332QG Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7337B ICMIC-ICM7337B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7337BQ ICMIC-ICM7337BQ Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
More results

Similar Description - ICM7333Q

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7372 ICMIC-ICM7372 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com