Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7600 Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # ICM7600
Description  12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7600 Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button ICM7600 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 9Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 10Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ICM7620/7610/7600
Rev. A7
ICmic reserves the right to change specifications without prior notice
7
LDAC
WR
A1
A0
LATCH STATE
1
1
X
X
Input and DAC data latched
1
0
0
0
Input Latch transparent – DAC A
0
1
X
X
DAC Latch transparent – All DACs
0
0
0
0
DAC latch of All DACs transparent and DAC A input latch transparent
1
0
0
1
Input Latch transparent – DAC B
1
0
1
0
Input Latch transparent – DAC C
1
0
1
1
Input Latch transparent – DAC D
Table 1. Address Table
DETAILED DESCRIPTION
The ICM7620 is a 12-bit voltage output Quad DAC. The ICM7610 is the 10-bit version of this family and the ICM7600 is the 8-bit
version. These devices have a parallel interface and each DAC has a double buffered input. This family of DACs has a
guaranteed monotonic behavior. The operating supply range is from 2.7V to 5.5V.
Reference Input
The reference input accepts positive DC and AC signals. The voltage at REFIN sets the full-scale output voltage of all the DACs.
The reference input voltage range is from 0 to VDD-1.5V. The impedance at this pin is nominally about 40 K . Each DACs output
amplifier is configured in a gain of 2 configuration. This means that the full-scale output of each DAC will be 2x VREF. To determine
the output voltage for any code, use the following equation.
VOUT = 2 x (VREF x (D / (2n)))
Where D is the numeric value of DAC’s decimal input code, VREF is the reference voltage and n is number of bits, i.e. 12 for
ICM7620, 10 for ICM7610 and 8 for ICM7600.
Output Buffer Amplifier
The Quad DAC has 4 output amplifiers connected in a gain of 2 configuration. These amplifiers have a wide output voltage swing.
The actual swing of the output amplifiers will be limited by offset error and gain error. See the Applications Information Section for
a more detailed discussion.
The output amplifier can drive a load of 2.0 K
to VDD or GND in parallel with a 500 pF load capacitance and has a full-scale
typical settling time of 8 s.
Input Logic
This quad DAC family uses a standard straight parallel interface where D0 is the LSB and D11 is the MSB for the ICM7620, D9 is
the MSB for the ICM7610 and D7 is the MSB for the ICM7600. Each DAC has its own double buffered input with an input latch
and a DAC latch. Each DAC will go the voltage output that corresponds to the digital data that is stored in its DAC latch.
The WR Input (active low), controls the input latch data and the LDAC Input (active low) updates the DAC latches (Table 1).
Please refer to the Timing Diagram for more detail. The address inputs (A1, A0) control DAC addressing (Table 1).
Power-Down Mode
These parts offer shutdown capability to the user by means of the SHDN pin. When this pin is forced high all the DACs power
down and the REF input goes into high impedance state. The total current consumption will go down to below 10 A in power
down mode. The data is stored in the latches during power down and the DACs will power up in the previous state when SHDN is
driven back to logic low.
Power-On Reset
There is a power-on reset on board that will clear the contents of all the latches to all 0s on power-up and the DAC voltage output
will go to ground.


Similar Part No. - ICM7600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7655ITV INTERSIL-ICM7655ITV Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7600

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Analog Devices
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com