Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7341SG Datasheet(PDF) 6 Page - IC MICROSYSTEMS

Part # ICM7341SG
Description  SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7341SG Datasheet(HTML) 6 Page - IC MICROSYSTEMS

  ICM7341SG Datasheet HTML 1Page - IC MICROSYSTEMS ICM7341SG Datasheet HTML 2Page - IC MICROSYSTEMS ICM7341SG Datasheet HTML 3Page - IC MICROSYSTEMS ICM7341SG Datasheet HTML 4Page - IC MICROSYSTEMS ICM7341SG Datasheet HTML 5Page - IC MICROSYSTEMS ICM7341SG Datasheet HTML 6Page - IC MICROSYSTEMS ICM7341SG Datasheet HTML 7Page - IC MICROSYSTEMS ICM7341SG Datasheet HTML 8Page - IC MICROSYSTEMS ICM7341SG Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ICM7361/7341/7321
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
6
IC MICROSYSTEMS
ICmic
DETAILED DESCRIPTION
The ICM7361 is a 12-bit voltage output DAC. The
ICM7341 is the 10-bit version of this family and the
ICM7321 is the 8-bit version.
This family of DACs has guaranteed monotonic behavior.
There is a 1.25V onboard reference and an operating
supply range of 2.7V to 5.5V.
Reference Output
There is an internal bandgap reference of 1.25V on these
parts and there is a gain of two in the output amplifiers
which means they swing from ground at code 0 to 2.5V at
full-scale :
Vout = 2 x (1.25 xD)/2
n
Where D=digital input (decimal) and n= number of bits, i.e.
12 for ICM7361, 10 for ICM7341 and 8 for ICM7321.
The reference output is nominally 1.25V and is brought out
to a separate pin, REFOUT (8-pin MSOP package only)
and can be used to drive external loads. However, it is still
internally connected to the DAC reference input. The
outputs will nominally swing from 0 to 2.5V.
Output Amplifier
The DAC has an output amplifier with a wide output
voltage swing. The actual swing of the output amplifier will
be limited by offset error and gain error. See the
Applications Information Section for a more detailed
discussion.
The amplifier is configured in a gain of 2 with internal gain
resistors of about 50 kΩ. The output swing will be from 0V
to 2.5V at full-scale.
The output amplifier can drive a load of 2.0 kΩ to VDD or
GND in parallel with a 500 pF load capacitance.
The output amplifier has a full-scale typical settling time of
8 µs and it dissipates about 100 µA with a 3V supply
voltage.
Serial Interface and Input Logic
This DAC family uses a standard 3-wire connection
compatible with SPI/QSPI interfaces. Data is loaded in 16-
bit words which consist of 4 address and control bits
(MSBs) followed by 12 bits of data (see table 1). The
ICM7341 has the last two LSBs as don’t cares and the
ICM7321 has the last 4 LSBs as don’t cares. The DAC is
double buffered with an input latch and a DAC latch.
All the digital inputs are CMOS/TTL compatible. The
current dissipation of the device however, will be higher
when the inputs are driven at TTL levels.
Data is clocked in on the rising edge of SCK which has a
Schmitt trigger internally to allow for noise immunity on the
SCK pin. This specially eases the use for opto-coupled
interfaces.
The CS pin must be low when data is being clocked into
the part. After the 16
th clock pulse the CS pin must be
pulled high (level-triggered) for the data to be transferred
to an input bank of latches. The CS pin also disables the
SCK pin internally when pulled high and the SCK pin must
be low before the CS pin is pulled back low. As the CS pin
is pulled high the shift register contents are transferred to
a bank of 16 latches. The 4 bit control word (C3~C0) is
then decoded and the DAC is updated or loaded
depending on the control word (see Table 1).
The DAC has a double-buffered input with an input latch
and a DAC latch. The DAC output will swing to its new
value when data is loaded into the DAC latch. The user
has three options: loading only the input latch, updating
the DAC with data previously loaded into the input latch or
loading the input latch and updating the DAC at the same
time with a new code.
Power-On Reset
There is a power-on reset on board that will clear the
contents of all the latches to all 0s on power-up and the
DAC voltage output will go to ground.


Similar Part No. - ICM7341SG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7342 ICMIC-ICM7342 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7342M ICMIC-ICM7342M Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7342MG ICMIC-ICM7342MG Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7343 ICMIC-ICM7343 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7343Q ICMIC-ICM7343Q Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7341SG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
LTC2631 AD-LTC2631 Datasheet
488Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
logo
Analog Devices
LTC2640 AD-LTC2640 Datasheet
312Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs
logo
Maxim Integrated Produc...
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com