Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7542 Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # ICM7542
Description  12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7542 Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  ICM7542 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICM7562/7542/7522
Rev. A6
ICmic reserves the right to change specifications without prior notice
5
SERIAL INTERFACE TIMING AND OPERATION DIAGRAM
Figure 1.
Serial Interface Timing Diagram
Figure 2.
Serial Interface Operation Diagram
CONTENTS OF INPUT SHIFT REGISTER
DEVICE
BIT
CONTROL WORD
DATA WORD
MSB
LSB
ICM7562
12
C3
C2
C1
C0
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ICM7542
10
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A1
A0
ICM7522
8
C3
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
A0
Figure 3.
Contents of Input Shift Register
CS
SDI
SCK
C3
C2
C1
C0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(UPDATE
OUTPUT)
(ENABLE
SCK)
MSB
LSB
CS
SDI
SCK
t6
t3
t2
t1
t5
t4
MSB
C2
C3
C1
D0
LSB


Similar Part No. - ICM7542

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7541 ICMIC-ICM7541 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7541M ICMIC-ICM7541M Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7541MG ICMIC-ICM7541MG Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7543 ICMIC-ICM7543 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7543M ICMIC-ICM7543M Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results

Similar Description - ICM7542

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
logo
IC MICROSYSTEMS
ICM7372 ICMIC-ICM7372 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
logo
Maxim Integrated Produc...
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
logo
Maxim Integrated Produc...
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
IC MICROSYSTEMS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com