Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7341T Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # ICM7341T
Description  SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7341T Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  ICM7341T Datasheet HTML 1Page - IC MICROSYSTEMS ICM7341T Datasheet HTML 2Page - IC MICROSYSTEMS ICM7341T Datasheet HTML 3Page - IC MICROSYSTEMS ICM7341T Datasheet HTML 4Page - IC MICROSYSTEMS ICM7341T Datasheet HTML 5Page - IC MICROSYSTEMS ICM7341T Datasheet HTML 6Page - IC MICROSYSTEMS ICM7341T Datasheet HTML 7Page - IC MICROSYSTEMS ICM7341T Datasheet HTML 8Page - IC MICROSYSTEMS ICM7341T Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ICM7361/7341/7321
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
4
IC MICROSYSTEMS
ICmic
REFERENCE
VREFOUT
Reference Output
1.2
1.25
1.3
V
Reference Output Line
Regulation
VDD =2.7 to 5.5 V
0.8
4.0
mV/V
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SR
Slew Rate
2
V/µs
Settling Time
Full-scale settling
8
µs
Mid-scale Transition Glitch
Energy
40
nV-S
Note 1:
Linearity is defined from code 64 to 4095 (ICM7361)
Linearity is defined from code 16 to 1023 (ICM7341)
Linearity is defined from code 4 to 255 (ICM7321)
Note 2:
Guaranteed by design; not tested in production
Note 3:
See Applications Information
Note 4:
All digital inputs are either at GND or VDD
TIMING CHARACTERISTICS
(VDD = 2.7V to 5.5V; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
t1
SCK Cycle Time
(Note 2)
30
ns
t2
Data Setup Time
(Note 2)
10
ns
t3
Data Hold Time
(Note 2)
10
ns
t4
SCK Falling edge to CS
Rising Edge
(Note 2)
0
ns
t5
CS Falling Edge to SCK
Rising Edge
(Note 2)
15
ns
t6
CS Pulse Width
(Note 2)
20
ns


Similar Part No. - ICM7341T

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7342 ICMIC-ICM7342 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7342M ICMIC-ICM7342M Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7342MG ICMIC-ICM7342MG Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7343 ICMIC-ICM7343 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7343Q ICMIC-ICM7343Q Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7341T

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
LTC2631 AD-LTC2631 Datasheet
488Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
logo
Analog Devices
LTC2640 AD-LTC2640 Datasheet
312Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs
logo
Maxim Integrated Produc...
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com