Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LK112SM49TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LK112SM49TR
Description  Low noise low drop voltage regulator with shutdown function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112SM49TR Datasheet(HTML) 4 Page - STMicroelectronics

  LK112SM49TR Datasheet HTML 1Page - STMicroelectronics LK112SM49TR Datasheet HTML 2Page - STMicroelectronics LK112SM49TR Datasheet HTML 3Page - STMicroelectronics LK112SM49TR Datasheet HTML 4Page - STMicroelectronics LK112SM49TR Datasheet HTML 5Page - STMicroelectronics LK112SM49TR Datasheet HTML 6Page - STMicroelectronics LK112SM49TR Datasheet HTML 7Page - STMicroelectronics LK112SM49TR Datasheet HTML 8Page - STMicroelectronics LK112SM49TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
LK112Sxx
4/18
2
Pin configuration
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin n°
Symbol
Note
1
SHDN
Shutdown Input: Disables the regulator when is connected to GND or to positive
voltage less than 0.6 V
2GND
Ground Pin: Internally connected to the die attach flag to decrease the total thermal
resistance and increase the package ability to dissipate power.
3
Bypass
Bypass Pin: Bypass with 0.1 µF to improve the VREF thermal noise performances.
4
OUT
Output port
5
IN
Input port


Similar Part No. - LK112SM49TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112SM49TR STMICROELECTRONICS-LK112SM49TR Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112SM49TR STMICROELECTRONICS-LK112SM49TR Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
More results

Similar Description - LK112SM49TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112XX STMICROELECTRONICS-LK112XX Datasheet
407Kb / 17P
   Low noise low drop voltage regulator with shutdown function
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com