Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7361T Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7361T
Description  SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7361T Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7361T Datasheet HTML 1Page - IC MICROSYSTEMS ICM7361T Datasheet HTML 2Page - IC MICROSYSTEMS ICM7361T Datasheet HTML 3Page - IC MICROSYSTEMS ICM7361T Datasheet HTML 4Page - IC MICROSYSTEMS ICM7361T Datasheet HTML 5Page - IC MICROSYSTEMS ICM7361T Datasheet HTML 6Page - IC MICROSYSTEMS ICM7361T Datasheet HTML 7Page - IC MICROSYSTEMS ICM7361T Datasheet HTML 8Page - IC MICROSYSTEMS ICM7361T Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICM7361/7341/7321
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
2
IC MICROSYSTEMS
ICmic
PIN DESCRIPTION (MSOP-8 Package)
Pin No
Symbol
Description
1
VDD
Supply Voltage
2
REFOUT
Reference Output (1.25V)
3
NC
No Connect
4
VOUT
DAC Output
5
CS
Chip Select (TTL or CMOS)
6
SCK
Serial Clock Input (TTL or CMOS)
7
SDI
Serial Data Input (TTL or CMOS)
8
GND
Ground
PIN DESCRIPTION (SOT-23 Package)
Pin No
Symbol
Description
1
VOUT
DAC Output
2
GND
Ground
3
VDD
Supply Voltage
4
SDI
Serial Data Input (TTL or CMOS)
5
SCK
Serial Clock Input (TTL or CMOS)
6
CS
Chip Select (TTL or CMOS)
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
IIN
Input Current
+/- 25.0
mA
VIN_
Digital Input Voltage (SCK, SDI, CS)
-0.3 to 7.0
V
VIN_REF
Reference Input Voltage
-0.3 to 7.0
V
TSTG
Storage Temperature
-65 to +150
oC
TSOL
Soldering Temperature
300
oC
Note: Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.


Similar Part No. - ICM7361T

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362M ICMIC-ICM7362M Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362MG ICMIC-ICM7362MG Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363Q ICMIC-ICM7363Q Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7361T

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
LTC2631 AD-LTC2631 Datasheet
488Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
logo
Analog Devices
LTC2640 AD-LTC2640 Datasheet
312Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs
logo
Maxim Integrated Produc...
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com