Part Name
         Description
ICM7361

 SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS ( 9 Page)


ICMIC
100% 
Zoom Out Zoom In
   
 3 page
background image
ICM7361/7341/7321
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
3
IC MICROSYSTEMS
ICmic
ORDERING INFORMATION
Part
Temperature Range
Package
ICM7361M
-40
oC to 85 oC
8-Pin MSOP
ICM7341M
-40
oC to 85 oC
8-Pin MSOP
ICM7321M
-40
oC to 85 oC
8-Pin MSOP
ORDERING INFORMATION
Part
Temperature Range
Package
ICM7361T
-40
oC to 85 oC
SOT-23
ICM7341T
-40
oC to 85 oC
SOT-23
ICM7321T
-40
oC to 85 oC
SOT-23
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V ; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
ICM7361
N
Resolution
12
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.4
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
4.0
+12.0
LSB
ICM7341
N
Resolution
10
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.1
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
1.0
+3.0
LSB
ICM7321
N
Resolution
8
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.05
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
0.25
+0.75
LSB
GE
Gain Error
+0.5
% of FS
OE
Offset Error
+25
mV
POWER REQUIREMENTS
VDD
Supply Voltage
2.7
5.5
V
IDD
Supply Current
(Note 4)
0.2
0.5
mA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Range
(Note 3)
0
VDD
V
VOSC
Short Circuit Current
60
150
mA
ROUT
Amp Output Impedance
At Mid-scale (Note 2)
At 0-scale (Note 2)
1.0
100
5.0
200
Output Line Regulation
VDD =2.7 to 5.5 V
0.4
3.0
mV/V
LOGIC INPUTS
VIH
Digital Input High
(Note 2)
2.4
V
VIL
Digital Input Low
(Note 2)
0.8
V
Digital Input Leakage
5
µΑ



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX5590_04Buffered Fast-Settling Octal 12/10/8-Bit Voltage-Output DACs 1 2 3 4 5 MoreMaxim Integrated Products
LTC2630Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70 1 2 3 4 5 MoreLinear Technology
AD537040-Channel 16-Bit Serial Input Voltage-Output DACs 1 2 3 4 5 MoreAnalog Devices
MAX5290_07Buffered Fast-Settling Dual 12-/10-/8-Bit Voltage-Output DACs 1 2 3 4 5 MoreMaxim Integrated Products
AD537232-Channel 16/14 Serial Input Voltage-Output DACs 1 2 3 4 5 MoreAnalog Devices
MAX5580_07Buffered Fast-Settling Quad 12-/10-/8-Bit Voltage-Output DACs 1 2 3 4 5 MoreMaxim Integrated Products
MAX5156Low-Power Dual 12-Bit Voltage-Output DACs with Configurable Outputs 1 2 3 4 5 MoreMaxim Integrated Products
1102D200 V - 1 000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
ADG8410.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 1 2 3 4 5 MoreAnalog Devices
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl