Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC377DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC377DW
Description  OCTAL D-TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC377DW Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC377DW Datasheet HTML 1Page - Texas Instruments SN74HC377DW Datasheet HTML 2Page - Texas Instruments SN74HC377DW Datasheet HTML 3Page - Texas Instruments SN74HC377DW Datasheet HTML 4Page - Texas Instruments SN74HC377DW Datasheet HTML 5Page - Texas Instruments SN74HC377DW Datasheet HTML 6Page - Texas Instruments SN74HC377DW Datasheet HTML 7Page - Texas Instruments SN74HC377DW Datasheet HTML 8Page - Texas Instruments SN74HC377DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN54HC377, SN74HC377
OCTAL DTYPE FLIPFLOPS
WITH CLOCK ENABLE
SCLS307B– JANUARY 1996 – REVISED JANUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
V
TA = 25°C
SN54HC377
SN74HC377
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
11
3
4
fmax
4.5 V
25
54
16
20
MHz
fmax
6 V
29
64
19
23
MHz
2 V
56
160
240
200
tpd
CLK
Any
4.5 V
15
32
48
40
ns
t d
CLK
Any
6 V
12
27
41
34
ns
2 V
38
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
t
y
6 V
6
13
19
16
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per flip-flop
No load
30
pF


Similar Part No. - SN74HC377DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC377DW TI-SN74HC377DW Datasheet
425Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377DW TI-SN74HC377DW Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377DW TI-SN74HC377DW Datasheet
670Kb / 16P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377DWE4 TI-SN74HC377DWE4 Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377DWE4 TI-SN74HC377DWE4 Datasheet
670Kb / 16P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results

Similar Description - SN74HC377DW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Unisonic Technologies
U74HC573 UTC-U74HC573_15 Datasheet
269Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
logo
Texas Instruments
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Fairchild Semiconductor
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com