Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT50J122 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # GT50J122
Description  Current Resonance Inverter Switching Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT50J122 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  GT50J122 Datasheet HTML 1Page - Toshiba Semiconductor GT50J122 Datasheet HTML 2Page - Toshiba Semiconductor GT50J122 Datasheet HTML 3Page - Toshiba Semiconductor GT50J122 Datasheet HTML 4Page - Toshiba Semiconductor GT50J122 Datasheet HTML 5Page - Toshiba Semiconductor GT50J122 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GT50J122
2006-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGES
VGE = ±25 V, VCE = 0
±500
nA
Collector cut-off current
ICES
VCE = 600 V, VGE = 0
1.0
mA
Gate-emitter cut-off voltage
VGE (OFF)
IC = 60 mA, VCE = 5 V
3.0
6.0
V
Collector-emitter saturation voltage
VCE (sat)
IC = 60 A, VGE = 15 V
1.9
2.5
V
Input capacitance
Cies
VCE = 10 V, VGE = 0, f = 1 MHz
4800
pF
Rise time
tr
0.17
Turn-on time
ton
0.23
Fall time
tf
0.16
0.26
Switching time
Turn-off time
toff
Resistive Load
VCC = 300 V, IC = 60 A
VGG = ±15 V, RG = 30 Ω
(Note 1)
0.41
μs
Note 1: Switching time measurement circuit and input/output waveforms
10%
90%
VGE
VCE
IC
td (off)
toff
tr
ton
0
0
tf
10%
10%
90%
90%
RG
VCC
RL
0


Similar Part No. - GT50J122

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT50J121 TOSHIBA-GT50J121 Datasheet
317Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT50J121 TOSHIBA-GT50J121 Datasheet
190Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT50J121 TOSHIBA-GT50J121 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT50J121 TOSHIBA-GT50J121_06 Datasheet
190Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT50J123 TOSHIBA-GT50J123 Datasheet
220Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
More results

Similar Description - GT50J122

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT60J323H TOSHIBA-GT60J323H Datasheet
182Kb / 6P
   Current Resonance Inverter Switching Application
GT50J328 TOSHIBA-GT50J328 Datasheet
232Kb / 6P
   Current Resonance Inverter Switching Application Fourth Generation IGBT
GT40Q322 TOSHIBA-GT40Q322 Datasheet
83Kb / 3P
   Voltage Resonance Inverter Switching Application
GT40Q321 TOSHIBA-GT40Q321 Datasheet
175Kb / 6P
   Voltage Resonance Inverter Switching Application
GT40T321 TOSHIBA-GT40T321 Datasheet
210Kb / 6P
   Consumer Application Voltage Resonance Inverter Switching Application
GT60M324 TOSHIBA-GT60M324 Datasheet
188Kb / 6P
   Consumer Application Voltage Resonance Inverter Switching Application
GT30J122 TOSHIBA-GT30J122 Datasheet
498Kb / 6P
   4TH GENERATION IGBT CURRENT RESONANCE INVERTER SWITCHING
GT60N322 TOSHIBA-GT60N322 Datasheet
166Kb / 6P
   Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT40Q321 TOSHIBA-GT40Q321_06 Datasheet
157Kb / 6P
   Silicon N Channel IEGT Voltage Resonance Inverter Switching Application
GT40Q323 TOSHIBA-GT40Q323_06 Datasheet
150Kb / 6P
   Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com