Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH9210 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH9210
Description  Reflexlichtschranke mit VCSEL-Sender Reflective Interrupter with VCSEL-Emitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9210 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH9210 Datasheet HTML 2Page - OSRAM GmbH SFH9210 Datasheet HTML 3Page - OSRAM GmbH SFH9210 Datasheet HTML 4Page - OSRAM GmbH SFH9210 Datasheet HTML 5Page - OSRAM GmbH SFH9210 Datasheet HTML 6Page - OSRAM GmbH SFH9210 Datasheet HTML 7Page - OSRAM GmbH SFH9210 Datasheet HTML 8Page - OSRAM GmbH SFH9210 Datasheet HTML 9Page - OSRAM GmbH SFH9210 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SFH 9210
2005-02-18
9
Bitte Verarbeitungshinweise für SMT-Bauelemente beachten!
Please observe the handling guidelines for SMT devices!
Lötbedingungen
Vorbehandlung nach JEDEC Level 4
Soldering Conditions
Preconditioning acc. to JEDEC Level 4
IR-Reflow Lötprofil für bleifreies Löten
(nach J-STD-020B)
IR Reflow Soldering Profile for lead free soldering
(acc. to J-STD-020B)
Löthinweise
Soldering Conditions
Bauform
Type
Drypack
Level acc.
to
IPS-stand.
020
Tauch-, Schwalllötung
Dip, Wave Soldering
Reflowlötung
Reflow Soldering
Kolbenlötung
Iron Soldering
Peak Temp.
(solderbath)
Max. Time in
Peak Zone
Peak Temp.
(package
temp.)
Max. Time
in Peak
Zone
(Iron temp.)
SFH 9210
4
n. a.
260
°C
20 sec.
n.a.
OHLA0687
0
0
T
t
˚C
s
120 s max
50
100
150
200
250
300
Ramp Up
100 s max
50
100
150
200
250
300
Ramp Down
6 K/s (max)
3 K/s (max)
25 ˚C
30 s max
260 ˚C
+0 ˚C
-5 ˚C
245 ˚C ±5 ˚C
240 ˚C
255 ˚C
217 ˚C
Maximum Solder Profile
Recommended Solder Profile
235 ˚C -0 ˚C
+5 ˚C
Minimum Solder Profile
10 s min


Similar Part No. - SFH9210

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9210 OSRAM-SFH9210 Datasheet
111Kb / 10P
   Reflexlichtschranke mit VCSEL-Sender
More results

Similar Description - SFH9210

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9221 OSRAM-SFH9221 Datasheet
133Kb / 10P
   Reflexlichtschranke mit VCSEL-Sender
SFH9210 OSRAM-SFH9210 Datasheet
111Kb / 10P
   Reflexlichtschranke mit VCSEL-Sender
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9202 OSRAM-SFH9202 Datasheet
321Kb / 11P
   Reflexlichtschranke Reflective Interrupter
logo
Vishay Siliconix
VCNT2030 VISHAY-VCNT2030 Datasheet
174Kb / 9P
   Reflective Optical Sensor With VCSEL and Transistor Output
01-Jan-2022
logo
Finisar Corporation.
HFE4081-321 FINISAR-HFE4081-321 Datasheet
267Kb / 6P
   Attenuated VCSEL with Back Monitor Photodiode - VCSEL Anode Common
logo
OPLINK Communications I...
DTR1250-MM-LS-MR OPLINK-DTR1250-MM-LS-MR Datasheet
113Kb / 6P
   VCSEL Transceivers
logo
Roithner LaserTechnik G...
VC670M-TO46FW-2 ROITHNER-VC670M-TO46FW-2 Datasheet
431Kb / 3P
   red vcsel
VC670M-TO46FW-PD ROITHNER-VC670M-TO46FW-PD Datasheet
466Kb / 3P
   red vcsel
VC980M-MODULE ROITHNER-VC980M-MODULE Datasheet
590Kb / 3P
   VCSEL module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com